Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13003L-P-X-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MJE13003L-P-X-TN3-R
Description  NPN SILICON POWER TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003L-P-X-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MJE13003L-P-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies MJE13003L-P-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies MJE13003L-P-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies MJE13003L-P-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies MJE13003L-P-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies MJE13003L-P-X-TN3-R Datasheet HTML 6Page - Unisonic Technologies MJE13003L-P-X-TN3-R Datasheet HTML 7Page - Unisonic Technologies MJE13003L-P-X-TN3-R Datasheet HTML 8Page - Unisonic Technologies MJE13003L-P-X-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MJE13003-P
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R204-027.F
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
VCEO(SUS)
400
V
Collector-Emitter Voltage (VBE=0)
VCES
700
V
Collector-Base Voltage
VCBO
700
V
Emitter Base Voltage
VEBO
9
V
Continuous
IC
1.5
Collector Current
Peak (1)
ICM
3
A
Continuous
IB
0.75
Base Current
Peak (1)
IBM
1.5
A
Continuous
IE
2.25
Emitter Current
Peak (1)
IEM
4.5
A
SOT-89
0.5
W
TO-126 / TO-126C
TO-126S
1.4
W
TO-92 / TO-92NL
1.1
W
TA=25°C
TO-251 / TO-252
1.56
W
SOT-89
1.64
W
TO-126 / TO-126C
TO-126S
20
W
TO-92 / TO-92NL
1.5
W
Total Power Dissipation
TC=25°C
TO-251 / TO-252
PD
25
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.


Similar Part No. - MJE13003L-P-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13003L-P-X-TN3-R UTC-MJE13003L-P-X-TN3-R Datasheet
338Kb / 8P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - MJE13003L-P-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com