Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59911IRZ-EVALZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL59911IRZ-EVALZ
Description  250MHz Triple Differential Receiver/ Equalizer with I2C Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59911IRZ-EVALZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL59911IRZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL59911IRZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL59911IRZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL59911IRZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL59911IRZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL59911IRZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL59911IRZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL59911IRZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL59911IRZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ISL59911
4
FN7548.0
September 2, 2011
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
V+ = V+R = V+G = V+B, V- = V-R = V-G = V-B = V-D
Supply Voltage between V+ and V-. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
Maximum Absolute Slew Rate of
V+ and V- . . . . . . . . . . . . . . . . . . . ±1V/µs
Maximum Continuous Output Current per Channel . . . . . . . . . . . . . ±30mA
Power Dissipation. . . . . . . . . . . . . . . . See “Power Dissipation” on page 12
Pin Voltages. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD Ratings
Human Body Model (tested per JESD22-A114) . . . . . . . . . . . . . . . 7000V
Machine Model (Tested per JESD22-A115). . . . . . . . . . . . . . . . . . . . 300V
Charged Device Model (Tested per JESD22C101C) . . . . . . . . . . . . 2000V
Latch Up (Tested per JESD78; Class II, Level A) . . . . . . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
32 Ld QFN (Notes 5, 6) . . . . . . . . . . . . . . . .
31
2.1
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Die Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
V+ Supply Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V
V- Supply Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -4.5V to -5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
6. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications V+ = V+R = V+G = V+B = +5V, V- = V-R = V-G = V-B = V-D = -5V, TA = +25°C, all registers at default settings
(equalizer stages set to minimum boost, noise filter set to max bandwidth, x2 gain mode, GAINDC = 0dB), all analog inputs at 0V, auto offset
calibration executed, RL = 5pF || (75Ω + 75Ω) to GND, thermal pad connected to -5V, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
POWER SUPPLY
Positive Supply
Voltage (V+)
V+ = V+R = V+G = V+B
4.5
5.5
V
Negative Supply
Voltage (V-)
V- = V-R = V-G = V-B = V-D
-4.5
-5.5
V
Operating Current
(ID+)
Sum of currents into all V+ pins
110
140
mA
Operating Current
(ID-)
Sum of currents out of all V- pins,
including thermal pad
105
130
mA
Disabled Current
(ID+DISABLED)
Sum of currents into all V+ pins
ENABLE = 0V
2.5
3.5
mA
Disabled Current
(ID-DISABLED)
Sum of currents into all V- pins,
including thermal pad
ENABLE = 0V
0.35
2.5
mA
PSRRDC
Power Supply Rejection Ratio
55
dB
AC PERFORMANCE
BW
Full Power Bandwidth
250
MHz
GAIN100MHz
Maximum Boost @ 100MHz
All three 100MHz filters set to maximum
26
dB
GAIN20MHz
Maximum Boost @ 20MHz
20MHz filter set to maximum
9.5
dB
GAIN6MHz
Maximum Boost @ 6MHz
6MHz filter set to maximum
7.5
dB
GAIN1MHz
Maximum Boost @ 1MHz
1MHz filter set to maximum
3.1
dB
GAIN0.2MHz
Maximum Boost @ 200kHz
200kHz filter set to maximum
0.75
dB
GAINDC
DC Gain Adjustment Range
±4
dB
fNOISE_MIN
-3dB Corner Freq of Noise Filter, High
Noise Filter Register = 0x0
250
MHz
fNOISE_MAX
-3dB Corner Freq of Noise Filter, Low
Noise Filter Register = 0xF
50
MHz
SRDIFF
Output Slew Rate
VIN = -1V to +1V
1
V/ns
THD
Total Harmonic Distortion
f = 10MHz, 0.7VP-P input sine wave
-45
-60
dBc


Similar Part No. - ISL59911IRZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59911IRZ-EVALZ INTERSIL-ISL59911IRZ-EVALZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Renesas Technology Corp
ISL59911IRZ-EVALZ RENESAS-ISL59911IRZ-EVALZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
More results

Similar Description - ISL59911IRZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59911 INTERSIL-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Renesas Technology Corp
ISL59911 RENESAS-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com