Electronic Components Datasheet Search |
|
BT8040 Datasheet(PDF) 1 Page - IK Semicon Co., Ltd |
|
BT8040 Datasheet(HTML) 1 Page - IK Semicon Co., Ltd |
1 / 5 page TECHNICAL DATA 2011, February Ver. 01 Melody Generator with Accompaniment FEATURES • Two Sound Sources with Envelope (CR Envelope) • Melody is inserted up to four. • According to customer’s request, the inserted melody is flexible. • 3.0V to 5.0V Operating Voltage • DC or AC Triggered Performance Start Mode (Mask Selected) • Can Drive an 8 Ohm Dynamic Loudspeaker if Provided Externally with a Transistor • Bare chip or 16-pin DIP (Plastic) Package available DESCRIPTION The BT8040 is a CMOS LSI chip, which plays a prearranged melody. ABSOLUTE MAXIMUM RATINGS ( Ta = 25 oC ) Characteristic Symbol Value Unit Power Supply Voltage VDD - 0.3 to + 7.0 V Input Terminal Voltage V10 - 0.2 to VDD + 0.2 V Operating Temperature Ta -40 to + 85 (VSS = 1.5V) oC Storage Temperature Tstg - 65 to + 150 oC Soldering Temperature and Time Tsol 260 oC, 10s (at lead) * Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. BT8040 ORDERING INFORMATION BT8040N Plastic BT8040D SOIC TA = -40° to 85° C for all packages |
Similar Part No. - BT8040 |
|
Similar Description - BT8040 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |