Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IK2102DW Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # IK2102DW
Description  Serial Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK2102DW Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  IK2102DW Datasheet HTML 1Page - IK Semicon Co., Ltd IK2102DW Datasheet HTML 2Page - IK Semicon Co., Ltd IK2102DW Datasheet HTML 3Page - IK Semicon Co., Ltd IK2102DW Datasheet HTML 4Page - IK Semicon Co., Ltd IK2102DW Datasheet HTML 5Page - IK Semicon Co., Ltd IK2102DW Datasheet HTML 6Page - IK Semicon Co., Ltd IK2102DW Datasheet HTML 7Page - IK Semicon Co., Ltd IK2102DW Datasheet HTML 8Page - IK Semicon Co., Ltd IK2102DW Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
IK2102
5
November 2013, Rev. 09
FUNCTIONAL DESCRIPTION
Commands
A command is the first byte (b0 to b7) inputted to IK2102 via DI/O Pin after STB pin has
changed f
rom ”HIGH” to “LOW” state. If for some reason the STB Pin is set “HIGH” while
data or commands are being transmitted, the serial communication is initialized, and the
data/commands being transmitted are considered invalid.
COMMAND 1: DISPLAY MODE SETTING COMMANDS
IK2102 provides 4 display modes setting as shown in the diagram below: As stated earlier
a command is the first one byte (b0 to b7) transmitted to IK2102 via the DIN, DI/O Pin
when STB is “LOW”. However, for these commands, Bit 3 & Bit 8 (b2 to b7) are given a
value of “0”.
The Display Mode Setting Commands determine the number of segments and grids be
used (4 grids to13 segments, 7 grids to 10 segments). A display command
“ON” must be
executed in order to resume display. If the same mode setting is selected, no command
execution is take place, therefore, nothing happens.
When Power is turned “ON”, the mode 11 is selected.
Display Mode Settings:
00: 4 Grids, (13 Segments)
01: 5 Grids, (12 Segments)
10: 6 Grids, (11 Segments)
11: 7 Grids, (10 Segments)
COMMAND 2: DATA SETTING COMMANDS
The Data Setting Commands executes the Data Write Mode for IK2102. The Data Setting
Command, the bits5 and 6 (b4, b5) are given
the value of “0”. , bit7 (b6) is given the value
of “1” while bit8 (b7) is given the value of “0”. Please refer to the diagram below.
When power is turned ON, bit 4 to bit 1 (b3 to b0) are given the value of “0”.


Similar Part No. - IK2102DW

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2102DW IKSEMICON-IK2102DW Datasheet
2Mb / 23P
   LED Display Driver IC
IK2102DWT IKSEMICON-IK2102DWT Datasheet
2Mb / 23P
   LED Display Driver IC
More results

Similar Description - IK2102DW

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108DW IKSEMICON-IK2108DW Datasheet
547Kb / 21P
   Serial Interface
logo
Renesas Technology Corp
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
   Two-wire serial interface Two-wire serial interface
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
logo
List of Unclassifed Man...
82C550A ETC1-82C550A Datasheet
807Kb / 15P
   STARLAN SERIAL INTERFACE
logo
Intel Corporation
82C501AD INTEL-82C501AD Datasheet
1Mb / 18P
   ETHERNET SERIAL INTERFACE
logo
Renesas Technology Corp
R1EX25512ATA00A RENESAS-R1EX25512ATA00A Datasheet
566Kb / 21P
   Serial Peripheral Interface
logo
Sanyo Semicon Device
LC73701M SANYO-LC73701M Datasheet
111Kb / 11P
   SERIAL INTERFACE DIALLER
logo
Renesas Technology Corp
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
logo
STMicroelectronics
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
   SERIAL INTERFACE CODEC/FILTER
STV1602A STMICROELECTRONICS-STV1602A Datasheet
289Kb / 22P
   SERIAL INTERFACE TRANSMISSION DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com