Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IK2102DW Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IK2102DW
Description  Serial Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK2102DW Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IK2102DW Datasheet HTML 1Page - IK Semicon Co., Ltd IK2102DW Datasheet HTML 2Page - IK Semicon Co., Ltd IK2102DW Datasheet HTML 3Page - IK Semicon Co., Ltd IK2102DW Datasheet HTML 4Page - IK Semicon Co., Ltd IK2102DW Datasheet HTML 5Page - IK Semicon Co., Ltd IK2102DW Datasheet HTML 6Page - IK Semicon Co., Ltd IK2102DW Datasheet HTML 7Page - IK Semicon Co., Ltd IK2102DW Datasheet HTML 8Page - IK Semicon Co., Ltd IK2102DW Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TECHNICAL DATA
1
November 2013, Rev. 09
LED Display Driver IC
GENERAL DESCRIPTION
The IK2102 is a common cathode type
LED panel display driver with output size -
4 digits x13 segments or 7 digits x 10 segments
and addition key scan function.
Serial interface provide connection with
microprocessor.
FEATURES
IK2102DW
SOP-28
IK2102TSD
TSSOP-28
 Wide operation Voltage: 3.0V to 5.5V
 Serial Interface
 8-Step Dimming Circuitry
 Built in OSC generator
(with external resistor regulation)
 Pulse Segment Current: 10 mA type
(8 mA to 12 mA) @ VDD= 3.3V to 5.5V
 Pulse Segment Current: 15 mA type
(12 mA to 18 mA) @ VDD= 5.0V
 Key scanning: 10 × 2 matrix
 Operation Temperature: -40 to 85°C
 PKG option
APPLICATIONS
 Micro-computer Peripheral Device
 VCR set
 DVD Combo set
 DMB Player
Ta = -40 to 85°C
for all package
IK2102
ORDERING INFORMATION
Device
Package
Packing
IK2102DW
SOP 28
Tube
IK2102DWT
SOP 28
Tape & Reel
IK2102TSD
TSSOP 28
Tube
IK2102TSDT
TSSOP 28
Tape & Reel


Similar Part No. - IK2102DW

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2102DW IKSEMICON-IK2102DW Datasheet
2Mb / 23P
   LED Display Driver IC
IK2102DWT IKSEMICON-IK2102DWT Datasheet
2Mb / 23P
   LED Display Driver IC
More results

Similar Description - IK2102DW

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108DW IKSEMICON-IK2108DW Datasheet
547Kb / 21P
   Serial Interface
logo
Renesas Technology Corp
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
   Two-wire serial interface Two-wire serial interface
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
logo
List of Unclassifed Man...
82C550A ETC1-82C550A Datasheet
807Kb / 15P
   STARLAN SERIAL INTERFACE
logo
Intel Corporation
82C501AD INTEL-82C501AD Datasheet
1Mb / 18P
   ETHERNET SERIAL INTERFACE
logo
Renesas Technology Corp
R1EX25512ATA00A RENESAS-R1EX25512ATA00A Datasheet
566Kb / 21P
   Serial Peripheral Interface
logo
Sanyo Semicon Device
LC73701M SANYO-LC73701M Datasheet
111Kb / 11P
   SERIAL INTERFACE DIALLER
logo
Renesas Technology Corp
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
logo
STMicroelectronics
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
   SERIAL INTERFACE CODEC/FILTER
STV1602A STMICROELECTRONICS-STV1602A Datasheet
289Kb / 22P
   SERIAL INTERFACE TRANSMISSION DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com