Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL76322 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL76322
Description  16-Bit Long-Reach Video Automotive Grade SERDES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL76322 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL76322_15 Datasheet HTML 3Page - Intersil Corporation ISL76322_15 Datasheet HTML 4Page - Intersil Corporation ISL76322_15 Datasheet HTML 5Page - Intersil Corporation ISL76322_15 Datasheet HTML 6Page - Intersil Corporation ISL76322_15 Datasheet HTML 7Page - Intersil Corporation ISL76322_15 Datasheet HTML 8Page - Intersil Corporation ISL76322_15 Datasheet HTML 9Page - Intersil Corporation ISL76322_15 Datasheet HTML 10Page - Intersil Corporation ISL76322_15 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ISL76322
7
May 6, 2015
FN7611.3
Submit Document Feedback
Output Rise and Fall Times
tOR/tOF
Slew rate control set to min
CL = 8pF
1ns
Slew rate control set to max, CL = 8pF
4
ns
SERIALIZER PARALLEL INTERFACE
PCLK_IN Frequency
fIN
650
MHz
PCLK_IN Duty Cycle
tIDC
40
50
60
%
Parallel Input Setup Time
tIS
3.5
ns
Parallel Input Hold Time
tIH
1.0
ns
DESERIALIZER PARALLEL INTERFACE
PCLK_OUT Frequency
fOUT
650
MHz
PCLK_OUT Duty Cycle
tODC
50
%
PCLK_OUT Period Jitter (rms)
tOJ
Clock randomizer off
0.5
%tPCLK
PCLK_OUT Spread Width
tOSPRD
Clock randomizer on
±20
%tPCLK
PCLK_OUT to Parallel Data Outputs
(includes Sync and DE pins)
tDV
Relative to PCLK_OUT,
(Note 9)
-1.0
5.5
ns
Deserializer Output Latency
tCPD
Inherent in the design
4
9
14
PCLK
DESERIALIZER REFERENCE CLOCK (REF_CLK IS FED INTO PCLK_IN)
REF_CLK Lock Time
tPLL
100
µs
REF_CLK to PCLK_OUT Maximum Frequency Offset
PCLK_OUT is the
recovered clock
1500
5000
ppm
HIGH-SPEED TRANSMITTER
HS Differential Output Voltage, Transition Bit
VODTR
TXCN = 0x00
650
800
900
mVP-P
TXCN = 0x0F
900
mVP-P
TXCN = 0xF0
1100
mVP-P
TXCN = 0xFF
1300
mVP-P
HS Differential Output Voltage, Non-Transition Bit
VODNTR
TXCN = 0x00
650
800
900
mVP-P
TXCN = 0x0F
900
mVP-P
TXCN = 0xF0
430
mVP-P
TXCN = 0xFF
600
mVP-P
HS Generated Output Common Mode Voltage
VOCM
2.35
V
HS Common Mode Serializer-Deserializer Voltage
Difference
VCM
10
20
mV
HS Differential Output Impedance
ROUT
80
100
120
Ω
HS Output Latency
tLPD
Inherent in the design
4
7
10
PCLK
HS Output Rise and Fall Times
tR/tF
20% to 80%
150
ps
HS Differential Skew
tSKEW
<10
ps
HS Output Random Jitter
tRJ
PCLK_IN = 45MHz
6
psrms
HS Output Deterministic Jitter
tDJ
PCLK_IN = 45MHz
25
psP-P
Electrical Specifications Unless otherwise indicated, all data is for: VDD_CDR = VDD_CR = 1.8V, VDD_IO = 3.3V,
VDD_TX =VDD_P =VDD_AN = 3.3V, TA = +25°C, Ref_Res = 3.16k, High-speed AC-coupling capacitor = 27nF. Boldface limits apply over the operating
temperature range, -40°C to +105°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 10)TYP
MAX
(Note 10)UNIT


Similar Part No. - ISL76322_15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL76322_1108 INTERSIL-ISL76322_1108 Datasheet
503Kb / 13P
   16-Bit Long-Reach Video Automotive Grade SERDES
More results

Similar Description - ISL76322_15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL76322_1108 INTERSIL-ISL76322_1108 Datasheet
503Kb / 13P
   16-Bit Long-Reach Video Automotive Grade SERDES
ISL76322 INTERSIL-ISL76322 Datasheet
503Kb / 13P
   16-Bit Long-Reach Video Automotive Grade SERDES
logo
Renesas Technology Corp
ISL76322 RENESAS-ISL76322 Datasheet
630Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES
ISL76321 RENESAS-ISL76321 Datasheet
633Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
logo
Intersil Corporation
ISL76321 INTERSIL-ISL76321 Datasheet
514Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
ISL76321ARZ INTERSIL-ISL76321ARZ Datasheet
365Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
May 1, 2015
ISL34321 INTERSIL-ISL34321 Datasheet
376Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34321 RENESAS-ISL34321 Datasheet
659Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34340 RENESAS-ISL34340 Datasheet
609Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
logo
Intersil Corporation
ISL34340_0806 INTERSIL-ISL34340_0806 Datasheet
350Kb / 10P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com