Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IK6208 Datasheet(PDF) 7 Page - IK Semicon Co., Ltd

Part # IK6208
Description  2 Channel PWM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK6208 Datasheet(HTML) 7 Page - IK Semicon Co., Ltd

Back Button IK6208 Datasheet HTML 3Page - IK Semicon Co., Ltd IK6208 Datasheet HTML 4Page - IK Semicon Co., Ltd IK6208 Datasheet HTML 5Page - IK Semicon Co., Ltd IK6208 Datasheet HTML 6Page - IK Semicon Co., Ltd IK6208 Datasheet HTML 7Page - IK Semicon Co., Ltd IK6208 Datasheet HTML 8Page - IK Semicon Co., Ltd IK6208 Datasheet HTML 9Page - IK Semicon Co., Ltd IK6208 Datasheet HTML 10Page - IK Semicon Co., Ltd IK6208 Datasheet HTML 11Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
IK6208A
7
April 2012 Ver. 01
KEY MATRIX & KEY INPUT DATA STORAGE RAM
Key Matrix consists of 7 x 2 array as shown below:
K1
SG1/KS1
SG2/
KS2
SG3/
KS3
SG4/
KS4
SG5/
KS5
SG6/
KS6
SG7/
KS7
K2
Each data entered by each key (or any combination of keys) is stored as follows and read by a READ
Command, starting from the last significant bit. When the most significant bit of the data (b0) has been
read, the least significant bit of the next data (b7) is read.
K1
K2
K1
K2
SG1/KS1
SG2/KS2
x
1’st byte read
SG3/KS3
SG4/KS4
x
2’nd byte read
SG5/KS5
SG6/KS6
x
3’rd byte read
SG7/KS7
x
4’th byte read
b0
b1
b2
b3
b4
b5
b6
b7
Key press=”1”, Key no press=”0” read.


Similar Part No. - IK6208

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
IK62083 IKSEMICON-IK62083 Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
IK62083DW IKSEMICON-IK62083DW Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
IK62083DW IKSEMICON-IK62083DW Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
IK62083N IKSEMICON-IK62083N Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
More results

Similar Description - IK6208

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1106 AAT-AAT1106 Datasheet
238Kb / 11P
   2-CHANNEL STEP-UP PWM CONTROLLERS
logo
List of Unclassifed Man...
AT1731 ETC1-AT1731 Datasheet
247Kb / 8P
   2-Channel PWM Controller for LCD Bias
AT1743 ETC-AT1743 Datasheet
313Kb / 9P
   2-Channel PWM Controller for LCD Display
AT1730 ETC1-AT1730 Datasheet
261Kb / 7P
   2-Channel PWM Controller for LCD Bias
AT1741 ETC-AT1741 Datasheet
414Kb / 10P
   2-CHANNEL PWM CONTROLLER FOR CCFL BACKLIGHT
logo
Micrel Semiconductor
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
   High Efficiency 2 Channel WLED Driver with PWM Control
logo
Advanced Analog Technol...
AAT1108 AAT-AAT1108 Datasheet
190Kb / 11P
   2-CHANNEL STEP-UP PWM CONTROLLERS WITH ADJUSTABLE LDO
logo
Aimtron Technology
AT1369 AIMTRON-AT1369 Datasheet
750Kb / 12P
   2-Channel Synchronous Buck PWM Controller with Power Good Reset
logo
uPI Group Inc.
UP9508 UPI-UP9508 Datasheet
1Mb / 45P
   3/2/12/1-Phase PWM Controller
UP9508Q UPI-UP9508Q Datasheet
706Kb / 49P
   3/2/12/1-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com