Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EPT22V Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EPT22V
Description  3.3V/5V DUAL LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EPT22V Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EPT22V Datasheet HTML 1Page - Micrel Semiconductor SY100EPT22V Datasheet HTML 2Page - Micrel Semiconductor SY100EPT22V Datasheet HTML 3Page - Micrel Semiconductor SY100EPT22V Datasheet HTML 4Page - Micrel Semiconductor SY100EPT22V Datasheet HTML 5Page - Micrel Semiconductor SY100EPT22V Datasheet HTML 6Page - Micrel Semiconductor SY100EPT22V Datasheet HTML 7Page - Micrel Semiconductor SY100EPT22V Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DESCRIPTION
s 3.3V and 5V power supply option
s 300ps typical propagation delay
s Differential LVPECL outputs
s I
CC Max 25mA
s PNP LVTTL inputs for minimal loading
s Flow-through pinouts
s Q outputs will default HIGH with inputs open
s Max. frequency range 800MHz
s Available in 8-pin MSOP and SOIC package
The SY100EPT22V is a dual TTL/CMOS to differential
PECL translator. Capable of running from a 3.3 or 5V
supply, the part can be used in either LVTTL/LVCMOS/
LVPECL or TTL/CMOS/PECL systems.
The device only requires a single positive supply of
3.3V or 5V - no negative supply is required.
The tiny 8-pin MSOP package and the low skew, dual
gate design of the EPT22V makes it ideal for those
applications where space, performance, and low power
are at a premium.
FEATURES
3.3V/5V DUAL LVTTL/LVCMOS-to-
DIFFERENTIAL LVPECL
TRANSLATOR
PIN NAMES
PIN CONFIGURATION/BLOCK DIAGRAM
Pin
Function
Q
0, /Q0, Q1, /Q1
Differential LVPECL Outputs
D
0, D1
LVTTL Inputs
V
CC
Positive Supply
GND
Ground
1
Q0
/Q0
Q1
/Q1
8VCC
D0
GND
7
6
5
2
3
4
D1
LVPECL
LVTTL
(Available in 8-pin SOIC and 8-pin MSOP)
SY100EPT22V
1
Rev.: A
Amendment: /1
Issue Date:
July 2000


Similar Part No. - SY100EPT22V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT22V MICREL-SY100EPT22V Datasheet
74Kb / 6P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
SY100EPT22VKC MICREL-SY100EPT22VKC Datasheet
74Kb / 6P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
SY100EPT22VKCTR MICREL-SY100EPT22VKCTR Datasheet
74Kb / 6P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
SY100EPT22VKG MICREL-SY100EPT22VKG Datasheet
74Kb / 6P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
SY100EPT22VKGTR MICREL-SY100EPT22VKGTR Datasheet
74Kb / 6P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
More results

Similar Description - SY100EPT22V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V_06 Datasheet
468Kb / 5P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20V MICREL-SY10EPT20V_05 Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20V MICREL-SY10EPT20V Datasheet
87Kb / 8P
   3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
MC100LVELT22 ONSEMI-MC100LVELT22_07 Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
logo
Micrel Semiconductor
SY89329V MICREL-SY89329V Datasheet
50Kb / 6P
   3.3V/5V 800MHz LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
Fairchild Semiconductor
100LVELT22 FAIRCHILD-100LVELT22 Datasheet
119Kb / 5P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com