Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA118P50IRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISLA118P50IRZ
Description  8-Bit, 500MSPS A/D Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA118P50IRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISLA118P50IRZ Datasheet HTML 1Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 2Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 3Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 4Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 5Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 6Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 7Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 8Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
ISLA118P50
5
FN7565.2
July 25, 2011
Absolute Maximum Ratings
Thermal Information
AVDD to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.4V to 2.1V
OVDD to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.4V to 2.1V
AVSS to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 0.3V
Analog Inputs to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to AVDD + 0.3V
Clock Inputs to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to AVDD + 0.3V
Logic Input to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to OVDD + 0.3V
Logic Inputs to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to OVDD + 0.3V
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
72 Ld QFN (Notes 3, 4, 5) . . . . . . . . . . . . . .
23
0.75
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
3.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379 for details.
4. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
5. For solder stencil layout and reflow guidelines, please see Tech Brief TB389.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, FIN =105MHz, fSAMPLE = 500MSPS, after completion of I2E calibration.
PARAMETER
SYMBOL
CONDITIONS
ISLA118P50
(Note 6)
UNITS
MIN
TYP
MAX
DC SPECIFICATIONS (Note 6)
Analog Input
Full-Scale Analog Input Range
VFS
Differential
1.41
1.45
1.52
VP-P
Input Resistance
RIN
Differential
500
Ω
Input Capacitance
CIN
Differential
1.9
pF
Full Scale Range Temp. Drift
AVTC
Full Temp
325
ppm/°C
Input Offset Voltage
VOS
-10
±2.0
10
mV
Gain Error
EG
±2.0
%
Common-Mode Output Voltage
VCM
435
535
635
mV
Clock Inputs
Inputs Common Mode Voltage
0.9
V
CLKP, CLKN Input Swing
0.2
1.8
V
Power Requirements
1.8V Analog Supply Voltage
AVDD
1.7
1.8
1.9
V
1.8V Digital Supply Voltage
OVDD
1.7
1.8
1.9
V
1.8V Analog Supply Current
IAVDD
173
186
mA
1.8V Digital Supply Current (Note 7)
IOVDD
3mA LVDS, I2E powered down, Notch
Filter powered down
72
79
mA
3mA LVDS, I2E On, Notch Filter On
117
mA
Power Supply Rejection Ratio
PSRR
30MHz, 200mVP-P
-36
dB
Total Power Dissipation


Similar Part No. - ISLA118P50IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
941Kb / 35P
   8-Bit, 500MSPS A/D Converter
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA118P50IRZ RENESAS-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
More results

Similar Description - ISLA118P50IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA118P50 INTERSIL-ISLA118P50_11 Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
ISLA118P50 INTERSIL-ISLA118P50 Datasheet
941Kb / 35P
   8-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA118P50 RENESAS-ISLA118P50 Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
August 1, 2011
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5510P-50 ETC2-KAD5510P-50 Datasheet
676Kb / 28P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
ISLA112P50 INTERSIL-ISLA112P50_11 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA112P50 RENESAS-ISLA112P50 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com