Electronic Components Datasheet Search |
|
ISLA214P13IRZ Datasheet(PDF) 11 Page - Intersil Corporation |
|
ISLA214P13IRZ Datasheet(HTML) 11 Page - Intersil Corporation |
11 / 35 page ISLA214P 11 FN7572.2 December 5, 2012 LVDS INPUTS (CLKDIVRSTP, CLKDIVRSTN) Input Common Mode Range VICM 825 1575 mV Input Differential Swing (peak to peak, single-ended) VID 250 450 mV CLKDIVRSTP Input Pull-down Resistance RIpd 100 k Ω CLKDIVRSTN Input Pull-up Resistance RIpu 100 k Ω LVDS OUTPUTS Differential Output Voltage (Note 11) VT 3mA Mode 612 mVP-P Output Offset Voltage VOS 3mA Mode 1120 1150 1200 mV Output Rise Time tR 240 ps Output Fall Time tF 240 ps CMOS OUTPUTS Voltage Output High VOH IOH = -500µA OVDD - 0.3 OVDD - 0.1 V Voltage Output Low VOL IOL = 1mA 0.1 0.3 V Output Rise Time tR 1.8 ns Output Fall Time tF 1.4 ns NOTES: 10. The Tri-Level Inputs internal switching thresholds are approximately. 0.43V and 1.34V. It is advised to float the inputs, tie to ground or AVDD depending on desired function. 11. The voltage is expressed in peak-to-peak differential swing. The peak-to-peak singled-ended swing is 1/2 of the differential swing. Digital Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued) PARAMETER SYMBOL CONDITIONS MIN (Note 5) TYP MAX (Note 5) UNITS Timing Diagrams FIGURE 1A. LVDS DDR CLKN CLKP INP INN tA CLKOUTN CLKOUTP tCPD D[12/10/8/6/4/2/0]N D[12/10/8/6/4/2/0]P LATENCY = L CYCLES tDC tPD ODD N-L EVEN N-L ODD N-L+1 EVEN N-L+1 EVEN N-1 ODD N EVEN N |
Similar Part No. - ISLA214P13IRZ |
|
Similar Description - ISLA214P13IRZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |