Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5510P-21Q48 Datasheet(PDF) 9 Page - Intersil Corporation

Part # KAD5510P-21Q48
Description  Low Power 10-Bit, 250/210/170/125MSPS ADC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5510P-21Q48 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button KAD5510P-21Q48 Datasheet HTML 5Page - Intersil Corporation KAD5510P-21Q48 Datasheet HTML 6Page - Intersil Corporation KAD5510P-21Q48 Datasheet HTML 7Page - Intersil Corporation KAD5510P-21Q48 Datasheet HTML 8Page - Intersil Corporation KAD5510P-21Q48 Datasheet HTML 9Page - Intersil Corporation KAD5510P-21Q48 Datasheet HTML 10Page - Intersil Corporation KAD5510P-21Q48 Datasheet HTML 11Page - Intersil Corporation KAD5510P-21Q48 Datasheet HTML 12Page - Intersil Corporation KAD5510P-21Q48 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
KAD5510P
9
FN7693.2
May 2, 2011
Digital Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUTS
Input Current High (SDIO, RESETN, CSB, SCLK)
IIH
VIN = 1.8V
0
1
10
µA
Input Current Low (SDIO, RESETN, CSB, SCLK)
IIL
VIN = 0V
-25
-12
-5
µA
Input Voltage High (SDIO, RESETN, CSB, SCLK)
VIH
1.17
V
Input Voltage Low (SDIO, RESETN, CSB, SCLK)
VIL
0.63
V
Input Current High (NAPSLP) (Note 9)
IIH
15
25
40
µA
Input Current Low (NAPSLP)
IIL
-40
25
-15
µA
Input Capacitance
CDI
3pF
LVDS OUTPUTS
Differential Output Voltage
VT
3mA Mode
620
mVP-P
Output Offset Voltage
VOS
3mA Mode
950
965
980
mV
Output Rise Time
tR
500
ps
Output Fall Time
tF
500
ps
CMOS OUTPUTS
Voltage Output High
VOH
IOH = -500µA
OVDD - 0.3
OVDD - 0.1
V
Voltage Output Low
VOL
IOL = 1mA
0.1
0.3
V
Output Rise Time
tR
1.8
ns
Output Fall Time
tF
1.4
ns


Similar Part No. - KAD5510P-21Q48

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5510P-21Q48 INTERSIL-KAD5510P-21Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5510P-21Q48 INTERSIL-KAD5510P-21Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5510P-21Q48 RENESAS-KAD5510P-21Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5510P-21Q48

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
List of Unclassifed Man...
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com