Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EPT21LKC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100EPT21LKC
Description  3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EPT21LKC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100EPT21LKC Datasheet HTML 1Page - Micrel Semiconductor SY100EPT21LKC Datasheet HTML 2Page - Micrel Semiconductor SY100EPT21LKC Datasheet HTML 3Page - Micrel Semiconductor SY100EPT21LKC Datasheet HTML 4Page - Micrel Semiconductor SY100EPT21LKC Datasheet HTML 5Page - Micrel Semiconductor SY100EPT21LKC Datasheet HTML 6Page - Micrel Semiconductor SY100EPT21LKC Datasheet HTML 7Page - Micrel Semiconductor SY100EPT21LKC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SY100EPT21L
Micrel
NOTES:
1. Part-to-Part Skew considering HIGH-to-HIGH transitions at common V
CC level.
2. These parameters are guaranteed but not tested.
3. Frequency at which output levels will meet a 0.8V to 2.0V minimum swing.
4. The f
MAX value is specified as the minimum guaranteed maximum frequency.
Actual operational maximum frequency may be greater.
5. 100mV input guarantees full logic at output.
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Condition
t
PLH
Propagation Delay
1.5
2.5
1.5
2.5
1.5
1.9
2.5
1.5
2.5
ns
C
L = 20pF
t
PHL
t
skpp
Part-to-Part Skew(1,2)
0.5
0.5
0.5
0.5
ns
C
L = 20pF
f
MAX
Maximum Input Frequency(3,4)
275
275
275
275
MHz
C
L = 20pF
V
CMR
Common Mode Range
1.2
V
CC
1.2
V
CC
1.2
V
CC
1.2
V
CC
V
V
PP
Minimum Peak-to-Peak Input(5)
100
100
100
100
mV
t
r
Output Rise/Fall Time
0.5
1.0
0.5
1.0
0.5
1.0
0.5
1.0
ns
C
L = 20pF
t
f
(1.0V to 2.0V)
AC ELECTRICAL CHARACTERISTICS
V
CC = +3.3V ±5%
PRODUCT ORDERING CODE
Ordering
Package
Operating
VCC Range
Code
Type
Range
(V)
SY100EPT21LZC
Z8-1
Commercial
+3.3V
±5%
SY100EPT21LZCTR
Z8-1
Commercial
+3.3V
±5%
SY100EPT21LKC
K8-1
Commercial
+3.3V
±5%
SY100EPT21LKCTR
K8-1
Commercial
+3.3V
±5%


Similar Part No. - SY100EPT21LKC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT21LKC MICREL-SY100EPT21LKC Datasheet
115Kb / 6P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21LKCTR MICREL-SY100EPT21LKCTR Datasheet
115Kb / 6P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results

Similar Description - SY100EPT21LKC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L_05 Datasheet
115Kb / 6P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L Datasheet
38Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L_06 Datasheet
41Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
logo
ON Semiconductor
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com