Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5514P-17Q48 Datasheet(PDF) 3 Page - Intersil Corporation

Part # KAD5514P-17Q48
Description  14-Bit, 250/210/170/125MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5514P-17Q48 Datasheet(HTML) 3 Page - Intersil Corporation

  KAD5514P-17Q48 Datasheet HTML 1Page - Intersil Corporation KAD5514P-17Q48 Datasheet HTML 2Page - Intersil Corporation KAD5514P-17Q48 Datasheet HTML 3Page - Intersil Corporation KAD5514P-17Q48 Datasheet HTML 4Page - Intersil Corporation KAD5514P-17Q48 Datasheet HTML 5Page - Intersil Corporation KAD5514P-17Q48 Datasheet HTML 6Page - Intersil Corporation KAD5514P-17Q48 Datasheet HTML 7Page - Intersil Corporation KAD5514P-17Q48 Datasheet HTML 8Page - Intersil Corporation KAD5514P-17Q48 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
3
FN6804.2
September 10, 2009
Table of Contents
Pin-Compatible Family...................................................... 1
Key Specifications ............................................................ 1
Electrical Specifications ....................................................4
Digital Specifications ........................................................ 6
Timing Diagrams ............................................................... 7
Switching Specifications .................................................. 8
Pinout/Package Information............................................. 9
Pin Descriptions - 72QFN ................................................ 9
Pin Descriptions - 48QFN .............................................. 12
Typical Performance Curves ...........................................14
Theory of Operation ........................................................ 17
Functional Description ................................................... 17
Power-On Calibration .................................................... 17
User-Initiated Reset ....................................................... 18
Analog Input .................................................................. 19
Clock Input..................................................................... 19
Jitter ............................................................................... 20
Voltage Reference ......................................................... 20
Digital Outputs ............................................................... 20
Over-Range Indicator .................................................... 20
Power Dissipation .......................................................... 20
Nap/Sleep ...................................................................... 21
Data Format................................................................... 21
Serial Peripheral Interface ............................................. 22
SPI Physical Interface ................................................... 23
SPI Configuration .......................................................... 24
Device Information ........................................................ 24
Indexed Device Configuration/Control .......................... 24
Global Device Configuration/Control ............................. 25
Device Test ................................................................... 26
SPI Memory Map .......................................................... 27
Equivalent Circuits ......................................................... 29
72 Pin/48 Pin Package Options ..................................... 30
ADC Evaluation Platform ............................................... 30
Layout Considerations ................................................... 30
Split Ground and Power Planes .................................... 30
Clock Input Considerations ........................................... 30
Exposed Paddle ............................................................ 30
Bypass and Filtering...................................................... 30
LVDS Outputs ............................................................... 30
LVCMOS Outputs ......................................................... 30
Unused Inputs ............................................................... 30
Definitions.................................................................... 31
Revision History ............................................................. 32
Package Outline Drawing ................................................. 34
KAD5514P


Similar Part No. - KAD5514P-17Q48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5514P-17Q48 ETC2-KAD5514P-17Q48 Datasheet
686Kb / 31P
   14-bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5514P-17Q48 INTERSIL-KAD5514P-17Q48 Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P-17Q48 INTERSIL-KAD5514P-17Q48 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P-17Q48 RENESAS-KAD5514P-17Q48 Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5514P-17Q48

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
List of Unclassifed Man...
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5512HP RENESAS-KAD5512HP Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com