Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM384 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM384
Description  LM384 5W Audio Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM384 Datasheet(HTML) 3 Page - Texas Instruments

  LM384_15 Datasheet HTML 1Page - Texas Instruments LM384_15 Datasheet HTML 2Page - Texas Instruments LM384_15 Datasheet HTML 3Page - Texas Instruments LM384_15 Datasheet HTML 4Page - Texas Instruments LM384_15 Datasheet HTML 5Page - Texas Instruments LM384_15 Datasheet HTML 6Page - Texas Instruments LM384_15 Datasheet HTML 7Page - Texas Instruments LM384_15 Datasheet HTML 8Page - Texas Instruments LM384_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LM384
www.ti.com
SNAS547C – FEBRUARY 1995 – REVISED APRIL 2013
Heat Sink Dimensions
Staver Company
41 Saxon Ave.
P.O. Drawer H
Bay Shore, N.Y.
Tel: (516) 666-8000
Figure 1. Staver “V7” Heat Sink
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM384


Similar Part No. - LM384_15

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM3842A HTC-LM3842A Datasheet
120Kb / 6P
   CURRENT MODE PWM CONTROLLER
LM3842A HTC-LM3842A Datasheet
120Kb / 6P
   CURRENT MODE PWM CONTROLLER
LM3842A HTC-LM3842A Datasheet
353Kb / 7P
   CURRENT MODE PWM CONTROLLER
LM3842AD HTC-LM3842AD Datasheet
353Kb / 7P
   CURRENT MODE PWM CONTROLLER
LM3842AN HTC-LM3842AN Datasheet
353Kb / 7P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - LM384_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM384N TI1-LM384N Datasheet
356Kb / 11P
[Old version datasheet]   LM384 5W Audio Power Amplifier
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
   5W Audio Power Amplifier
logo
Panasonic Semiconductor
AN7131 PANASONIC-AN7131 Datasheet
200Kb / 4P
   5W AUDIO POWER AMPLIFIER CIRCUIT
AN7140 PANASONIC-AN7140 Datasheet
37Kb / 2P
   5W Audio Power Amplifier Circuit
logo
NTE Electronics
NTE862 NTE-NTE862 Datasheet
76Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5W
NTE1365 NTE-NTE1365 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5W
NTE1116 NTE-NTE1116 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5W
NTE1098 NTE-NTE1098 Datasheet
80Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5W
logo
SHENZHEN FUMAN ELECTRON...
TC4158 FUMAN-TC4158 Datasheet
245Kb / 8P
   5W Mono Digital Audio Power Amplifier IC
TC6805 FUMAN-TC6805 Datasheet
266Kb / 8P
   5W Mono Digital Audio Power Amplifier IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com