Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL2418 Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IL2418
Description  Low external component count
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2418 Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IL2418 Datasheet HTML 1Page - IK Semicon Co., Ltd IL2418 Datasheet HTML 2Page - IK Semicon Co., Ltd IL2418 Datasheet HTML 3Page - IK Semicon Co., Ltd IL2418 Datasheet HTML 4Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IL2418
2011, March, Rev. 01
N SUFFIX PLASTIC DIP
(MS – 001BA)
Symbol
MIN
MAX
A
8.51
10.16
B
6.10
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
10°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.20
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AA)
Symbol
MIN
MAX
A
4.80
5.00
B
3.80
4.00
C
1.35
1.75
D
0.33
0.51
F
0.40
1.27
G
H
J
NOTES:
K
0.10
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.80
6.20
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.50
1.27
5.72
Dimension, mm
Dimension, mm
2.54
7.62
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
8
4
5
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M
T
-T-
C
1
8
4
5


Similar Part No. - IL2418

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL2418 ETC-IL2418 Datasheet
48Kb / 5P
   Telephone Tone Ringer with Bridge Diode
IL2418N ETC-IL2418N Datasheet
48Kb / 5P
   Telephone Tone Ringer with Bridge Diode
More results

Similar Description - IL2418

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1712 AVAGO-ALM-1712 Datasheet
288Kb / 17P
   Low external component count
ALM-1912 AVAGO-ALM-1912 Datasheet
823Kb / 17P
   Low external component count
logo
IK Semicon Co., Ltd
IL6840A IKSEMICON-IL6840A Datasheet
211Kb / 5P
   Low external component count
logo
STMicroelectronics
STEVAL-ILL044V1 STMICROELECTRONICS-STEVAL-ILL044V1 Datasheet
192Kb / 4P
   Low component count
June 2012 Rev 1
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2506 AVAGO-ALM-2506 Datasheet
128Kb / 9P
   Low component count
logo
Cypress Semiconductor
CYRF6936 CYPRESS-CYRF6936_11 Datasheet
664Kb / 28P
   WirelessUSB LP 2.4 GHz Radio SoC Low external component count
logo
Sipex Corporation
SP1204 SIPEX-SP1204 Datasheet
379Kb / 4P
   Component count summary
logo
Intersil Corporation
ISL9222A INTERSIL-ISL9222A Datasheet
129Kb / 8P
   High Input Voltage Charger Low Component Count and Cost
logo
Power Integrations, Inc...
TOP227YN POWERINT-TOP227YN Datasheet
480Kb / 20P
   Lowest cost, lowest component count switcher solution
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com