Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S304JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100S304JC
Description  QUINT AND/NAND GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S304JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100S304JC Datasheet HTML 1Page - Micrel Semiconductor SY100S304JC Datasheet HTML 2Page - Micrel Semiconductor SY100S304JC Datasheet HTML 3Page - Micrel Semiconductor SY100S304JC Datasheet HTML 4Page - Micrel Semiconductor SY100S304JC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY100S304
Micrel
Ordering
Package
Operating
Code
Type
Range
SY100S304FC
F24-1
Commercial
SY100S304JC
J28-1
Commercial
SY100S304JCTR
J28-1
Commercial
TIMING DIAGRAM
Propagation Delay and Transition Times
PRODUCT ORDERING CODE
20%
80%
OUTPUT
INPUT
50%
tPLH
tPHL
50%
20%
80%
50%
tPHL
tPLH
tTLH
tTHL
TRUE
COMPLEMENT
0.7
± 0.1 ns
0.7
± 0.1 ns
–0.95V
–1.69V
NOTE:
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND


Similar Part No. - SY100S304JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S304JC MICREL-SY100S304JC Datasheet
79Kb / 4P
   QUINT AND/NAND GATE
SY100S304JCTR MICREL-SY100S304JCTR Datasheet
79Kb / 4P
   QUINT AND/NAND GATE
More results

Similar Description - SY100S304JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S304 MICREL-SY100S304_07 Datasheet
79Kb / 4P
   QUINT AND/NAND GATE
logo
National Semiconductor ...
F100304 NSC-F100304 Datasheet
135Kb / 4P
   LOW POWER QUINT AND / NAND GATE
logo
Fairchild Semiconductor
100304 FAIRCHILD-100304 Datasheet
65Kb / 6P
   Low Power Quint AND/NAND Gate
logo
National Semiconductor ...
100304 NSC-100304 Datasheet
109Kb / 8P
   Low Power Quint AND/NAND Gate
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104_0 Datasheet
64Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10E104 ONSEMI-MC10E104 Datasheet
102Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
1996 REV 2
logo
Texas Instruments
100304 TI1-100304 Datasheet
135Kb / 7P
[Old version datasheet]   Low Power Quint AND/NAND Gate
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104 Datasheet
70Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10E104 ONSEMI-MC10E104_06 Datasheet
78Kb / 7P
   5V ECL Quint 2-Input AND/NAND Gate
December, 2006 ??Rev. 7
MC10E104 ONSEMI-MC10E104_16 Datasheet
154Kb / 7P
   5 V ECL Quint 2?륤nput AND/NAND Gate
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com