Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSZ0506NS Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSZ0506NS
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSZ0506NS Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSZ0506NS_15 Datasheet HTML 1Page - Infineon Technologies AG BSZ0506NS_15 Datasheet HTML 2Page - Infineon Technologies AG BSZ0506NS_15 Datasheet HTML 3Page - Infineon Technologies AG BSZ0506NS_15 Datasheet HTML 4Page - Infineon Technologies AG BSZ0506NS_15 Datasheet HTML 5Page - Infineon Technologies AG BSZ0506NS_15 Datasheet HTML 6Page - Infineon Technologies AG BSZ0506NS_15 Datasheet HTML 7Page - Infineon Technologies AG BSZ0506NS_15 Datasheet HTML 8Page - Infineon Technologies AG BSZ0506NS_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
OptiMOSTM5Power-MOSFET,30V
BSZ0506NS
Rev.2.0,2015-04-27
Final Data Sheet
(enlarged source interconnection)
TSDSON-8FL
8 D
7 D
6 D
5 D
S 1
S 2
S 3
G 4
1Description
Features
•Optimizedforhighperformancebuckconverters(Server,VGA)
•VerylowFOMQOSSforhighfrequencySMPS
•LowFOMSWforhighfrequencySMPS
•ExcellentgatechargexRDS(on)product(FOM)
•Verylowon-resistanceRDS(on)@VGS=4.5V
•100%avalanchetested
•Superiorthermalresistance
•N-channel
•QualifiedaccordingtoJEDEC1)fortargetapplications
•Pb-freeleadplating;RoHScompliant
•Halogen-freeaccordingtoIEC61249-2-21
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS
30
V
RDS(on),max
4.4
m
ID
40
A
QOSS
7.2
nC
QG(0V..4.5V)
5.2
nC
Type/OrderingCode
Package
Marking
RelatedLinks
BSZ0506NS
PG-TSDSON-8 FL
0506NS
-
1) J-STD20 and JESD22


Similar Part No. - BSZ0506NS_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ0500NSI INFINEON-BSZ0500NSI Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-07-13
BSZ0500NSI INFINEON-BSZ0500NSI_15 Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-07-13
BSZ0501NSI INFINEON-BSZ0501NSI Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-04-27
BSZ0501NSI INFINEON-BSZ0501NSI_15 Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-04-27
BSZ0502NSI INFINEON-BSZ0502NSI Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-07-13
More results

Similar Description - BSZ0506NS_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com