Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK6507-75C Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK6507-75C
Description  N-channel TrenchMOS FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK6507-75C Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK6507-75C_15 Datasheet HTML 3Page - NXP Semiconductors BUK6507-75C_15 Datasheet HTML 4Page - NXP Semiconductors BUK6507-75C_15 Datasheet HTML 5Page - NXP Semiconductors BUK6507-75C_15 Datasheet HTML 6Page - NXP Semiconductors BUK6507-75C_15 Datasheet HTML 7Page - NXP Semiconductors BUK6507-75C_15 Datasheet HTML 8Page - NXP Semiconductors BUK6507-75C_15 Datasheet HTML 9Page - NXP Semiconductors BUK6507-75C_15 Datasheet HTML 10Page - NXP Semiconductors BUK6507-75C_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BUK6507-75C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 4 October 2010
7 of 14
NXP Semiconductors
BUK6507-75C
N-channel TrenchMOS FET
Source-drain diode
VSD
source-drain voltage
IS =25A; VGS =0 V; Tj =25°C;
see Figure 16
-0.8
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = -100 A/µs;
VGS =0V; VDS =25V
-54
-
ns
Qr
recovered charge
-
129
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tj = 25°C; VDS = 25 V
Tj = 25°C; tp = 300 μs
Fig 5.
Forward transconductance as a function of
drain current; typical values
Fig 6.
Output characteristics: drain current as a
function of drain-source voltage; typical values
VDS = 25 V
Tj = 25°C; ID 25 A
Fig 7.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 8.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aae546
0
30
60
90
120
150
020
40
60
80
ID (A)
gfs
(S)
003aae547
0
40
80
120
160
01
23
VDS (V)
ID
(A)
3.8
4.0
4.5
5
3.2
VGS (V) = 10
3.4
3.6
003aae548
0
40
80
120
160
01
23
45
VGS (V)
ID
(A)
Tj = 175 °C
Tj = 25 °C
003aae549
0
4
8
12
16
20
02
46
8
10
VGS (V)
RDSon
(m
Ω)


Similar Part No. - BUK6507-75C_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK6507-75C NXP-BUK6507-75C Datasheet
185Kb / 14P
   N-channel TrenchMOS FET
Rev. 02-4 October 2010
logo
Nexperia B.V. All right...
BUK6507-75C NEXPERIA-BUK6507-75C Datasheet
299Kb / 15P
   N-channel TrenchMOS FET
Rev. 02 - 4 October 2010
More results

Similar Description - BUK6507-75C_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002KA NXP-2N7002KA Datasheet
94Kb / 11P
   N-channel TrenchMOS FET
Rev. 03-25 February 2008
BUK663R5-55C NXP-BUK663R5-55C Datasheet
138Kb / 11P
   N-channel TrenchMOS FET
Rev. 01-3 August 2010
BUK6507-75C NXP-BUK6507-75C Datasheet
185Kb / 14P
   N-channel TrenchMOS FET
Rev. 02-4 October 2010
BUK9606-55B NXP-BUK9606-55B Datasheet
193Kb / 13P
   N-channel TrenchMOS FET
Rev. 04-23 July 2009
BUK664R8-75C PHILIPS-BUK664R8-75C_15 Datasheet
402Kb / 14P
   N-channel TrenchMOS FET
Rev. 2-17 November 2010
BUK663R7-75C PHILIPS-BUK663R7-75C_15 Datasheet
386Kb / 14P
   N-channel TrenchMOS FET
Rev. 2-15 September 2010
BUK6215-75C PHILIPS-BUK6215-75C_15 Datasheet
227Kb / 14P
   N-channel TrenchMOS FET
Rev. 02-4 October 2010
BUK6211-75C PHILIPS-BUK6211-75C_15 Datasheet
219Kb / 15P
   N-channel TrenchMOS FET
Rev. 02-28 September 2010
logo
Nexperia B.V. All right...
BUK6240-75C NEXPERIA-BUK6240-75C Datasheet
477Kb / 15P
   N-channel TrenchMOS FET
BUK6510-75C NEXPERIA-BUK6510-75C Datasheet
336Kb / 17P
   N-channel TrenchMOS FET
Rev. 02 - 13 December 2010
logo
NXP Semiconductors
BUK9506-55B NXP-BUK9506-55B Datasheet
195Kb / 13P
   N-channel TrenchMOS FET
Rev. 04-23 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com