Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3904N Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 2N3904N
Description  NPN GENERAL PURPOSE SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2N3904N Datasheet(HTML) 1 Page - Pan Jit International Inc.

  2N3904N_15 Datasheet HTML 1Page - Pan Jit International Inc. 2N3904N_15 Datasheet HTML 2Page - Pan Jit International Inc. 2N3904N_15 Datasheet HTML 3Page - Pan Jit International Inc. 2N3904N_15 Datasheet HTML 4Page - Pan Jit International Inc. 2N3904N_15 Datasheet HTML 5Page - Pan Jit International Inc. 2N3904N_15 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P2N3904N
September 1,2015-REV.01
Page 1
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
Voltage
40V
Current
0.2A
Features
Silicon NPN, Planar design
Low Vce(sat) 0.2V(max)@Ic/Ib= 10mA/1mA
High collector current capability
Excellent DC current gain characteristics
Lead free in compliance with EU RoHS 2011/65/EU
directive.
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case: TO-92 and TO-92 AMMO Package
Terminals : Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.007 ounces, 0.196 grams
Marking: 2N3904N
Note: Limited only By Maximum Junction Temperature
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNITS
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6
V
Collector Current (DC)
IC
0.2
A
Collector Current (Pulse)
ICP
0.4
A
Collector Power Dissipation
PD
625
mW
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal Resistance from Junction to Ambient
(Note )
RθJA
200
oC/W
1
TO-92 AMMO
TO-92
2
BASE
1
EMMTER
3
COLLECTOR
1


Similar Part No. - 2N3904N_15

ManufacturerPart #DatasheetDescription
logo
AUK corp
2N3904N AUK-2N3904N Datasheet
189Kb / 3P
   NPN Silicon Transistor
More results

Similar Description - 2N3904N_15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBT3904W PANJIT-MMBT3904W Datasheet
102Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2SC2411K-AU PANJIT-2SC2411K-AU Datasheet
298Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
November 16,2013-REV.02
MMBT2222AW PANJIT-MMBT2222AW Datasheet
97Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2369A PANJIT-MMBT2369A Datasheet
167Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2N4401 PANJIT-2N4401 Datasheet
202Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Compact Technology Corp...
MMBT2222A CTC-MMBT2222A Datasheet
78Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2SC2222H PANJIT-2SC2222H Datasheet
371Kb / 5P
   NPN General Purpose Switching Transistor
MMBT2222ATB PANJIT-MMBT2222ATB_15 Datasheet
228Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401 PANJIT-MMBT4401 Datasheet
90Kb / 3P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401W PANJIT-MMBT4401W Datasheet
887Kb / 3P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com