Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3904N Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 2N3904N
Description  NPN GENERAL PURPOSE SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2N3904N Datasheet(HTML) 2 Page - Pan Jit International Inc.

  2N3904N_15 Datasheet HTML 1Page - Pan Jit International Inc. 2N3904N_15 Datasheet HTML 2Page - Pan Jit International Inc. 2N3904N_15 Datasheet HTML 3Page - Pan Jit International Inc. 2N3904N_15 Datasheet HTML 4Page - Pan Jit International Inc. 2N3904N_15 Datasheet HTML 5Page - Pan Jit International Inc. 2N3904N_15 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P2N3904N
September 1,2015-REV.01
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
OFF Characteristics
Collector-Emitter Breakdown Voltage
BVCEO
IC= 1mA, IB= 0A
40
-
-
V
Collector-Base Breakdown Voltage
BVCBO
IC= 0.01mA, IE= 0A
60
-
-
V
Emitter-Base Breakdown Voltage
BVEBO
IE= 0.01mA, IC= 0A
6
-
-
V
Collector-Base Cutoff Current
ICBO
VCB= 30V, IE= 0A
-
-
50
nA
Emitter-Base Cutoff Current
IEBO
VEB= 3V
-
-
50
nA
Collector-Emitter Cutoff Current
ICES
VCES= 30V
-
-
50
nA
ON characteristics
DC Current Gain
hFE
VCE= 1V, IC= 0.1mA
40
-
-
-
VCE= 1V, IC= 1mA
70
-
-
VCE= 1V, IC= 10mA
100
-
300
VCE= 1V, IC= 50mA
60
-
-
VCE= 1V, IC= 100mA
30
-
-
Collector-Emitter Saturation Voltage
VCE(SAT)
IC= 10mA, IB= 1mA
-
-
200
mV
IC= 50mA, IB= 5mA
-
-
300
Base-Emitter Saturation voltage
VBE(SAT)
IC= 10mA, IB= 1mA
0.65
-
0.85
V
IC= 50mA, IB= 5mA
-
-
0.95
Transition Frequency
fT
IC= 10mA, VCE= 20V
f=100MHz
300
-
-
MHz
Collector-Base Capacitance
Ccbo
VCB= 5V, IE= 0A,
f=1MHz
-
-
4
pF
Emitter-Base Capacitance
Cebo
VEB= 0.5V, IC= 0A,
f=1MHz
-
-
8
pF
Delay Time
Td
Vcc=3V, VBE= -0.5V
Ic= 10mA, IB= 1mA
-
-
35
nS
Rise Time
Tr
-
-
35
nS
Storage Time
Ts
Vcc=3V, Ic= 10mA
IB1 = IB2 =1mA
-
-
200
nS
Fall Time
Tf
-
-
50
nS


Similar Part No. - 2N3904N_15

ManufacturerPart #DatasheetDescription
logo
AUK corp
2N3904N AUK-2N3904N Datasheet
189Kb / 3P
   NPN Silicon Transistor
More results

Similar Description - 2N3904N_15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBT3904W PANJIT-MMBT3904W Datasheet
102Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2SC2411K-AU PANJIT-2SC2411K-AU Datasheet
298Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
November 16,2013-REV.02
MMBT2222AW PANJIT-MMBT2222AW Datasheet
97Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2369A PANJIT-MMBT2369A Datasheet
167Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2N4401 PANJIT-2N4401 Datasheet
202Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Compact Technology Corp...
MMBT2222A CTC-MMBT2222A Datasheet
78Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2SC2222H PANJIT-2SC2222H Datasheet
371Kb / 5P
   NPN General Purpose Switching Transistor
MMBT2222ATB PANJIT-MMBT2222ATB_15 Datasheet
228Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401 PANJIT-MMBT4401 Datasheet
90Kb / 3P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401W PANJIT-MMBT4401W Datasheet
887Kb / 3P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com