Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL321-1R24-2 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL321-1R24-2
Description  Panel Mount Indicator with Outer Reflector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL321-1R24-2 Datasheet(HTML) 1 Page - P-tec Corporation

  PL321-1R24-2_14 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL321 Series 3mm LED Panel Mount Metal Holder
Features
*Panel Mount Indicator with Outer Reflector
*Chrome or Black Finish
*Mounting Hole 6 mm (0.236”)
*Mounting Hardware Included
*1 Red LED with Color Diffused
Lens used
*26AWG Red (+) and Black (-)
6” Wire Leads
*RoHS Compliant
Absolute Maximum Ratings at TA = 25 °C
Reverse Voltage (<100μA)…………………….……………………………………… 5.0V
Max Forward Current…….…………..………………….……..……….…………. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)……........…….……...…… 100mA
Operating Temperature Range……………………………………..……. -25°C to +85°C
Storage Temperature Range……………….....………………….…...… -40°C to +100°C
Soldering Temperature (1.6 mm below body)………....……………..….….. 260° for 5 seconds
Power Dissipation…………………………………………………………………. 90mW
Electrical & Optical Characteristics at TA = 25 °C
Part Number
Add S for Chrome Finish
Add B for Black Finish
Emitting
Color
Chip
Material
Peak
Wave
Length
Dominant
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
nm
nm
Deg
Typ
Max
Min
Typ
PL321-1R24-2
Red
GaP
700
650
34°
2.1
3.0
1.5
3.0
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
2.3
6.0
3.7 2.0
8.0
1.3
Washer
M6 x 0.75
4.65
3mm LED
Anode Red
Cathode Black
Striped and Tinned
6.35
152.0 Typ.
11.07.14 Rev1 JAS
Tel:(866) 695 4162
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa CO 81101


Similar Part No. - PL321-1R24-2_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL321-1R24-2 P-TEC-PL321-1R24-2 Datasheet
30Kb / 1P
   3mm LED Panel Mount Metal Holder
More results

Similar Description - PL321-1R24-2_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL321-1Y01 P-TEC-PL321-1Y01_14 Datasheet
77Kb / 1P
   Panel Mount Indicator with Outer Reflector
PL321-1Y01-2 P-TEC-PL321-1Y01-2_14 Datasheet
77Kb / 1P
   Panel Mount Indicator with Outer Reflector
PL321-1G13B12BSH12 P-TEC-PL321-1G13B12BSH12 Datasheet
31Kb / 1P
   Panel Mount Indicator with Outer Reflector
PL321-1R12-2 P-TEC-PL321-1R12-2_14 Datasheet
30Kb / 1P
   Panel Mount Indicator with Outer Reflector
PL321-1G13B12BSH12 P-TEC-PL321-1G13B12BSH12_14 Datasheet
31Kb / 1P
   Panel Mount Indicator with Outer Reflector
PL321-1R12 P-TEC-PL321-1R12_14 Datasheet
76Kb / 1P
   Panel Mount Indicator with Outer Reflector
PL321-1R24 P-TEC-PL321-1R24_14 Datasheet
76Kb / 1P
   Panel Mount Indicator with Outer Reflector
PL321-1G13 P-TEC-PL321-1G13_14 Datasheet
76Kb / 1P
   *Panel Mount Indicator with Outer Reflector
PL321-1G13-2 P-TEC-PL321-1G13-2_14 Datasheet
76Kb / 1P
   Panel Mount Indicator with Outer Reflector
PL320-1Y01 P-TEC-PL320-1Y01_14 Datasheet
77Kb / 1P
   Panel Mount Indicator with Inner Reflector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com