Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S336 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100S336
Description  4-STAGE COUNTER/ SHIFT REGISTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S336 Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100S336 Datasheet HTML 1Page - Micrel Semiconductor SY100S336 Datasheet HTML 2Page - Micrel Semiconductor SY100S336 Datasheet HTML 3Page - Micrel Semiconductor SY100S336 Datasheet HTML 4Page - Micrel Semiconductor SY100S336 Datasheet HTML 5Page - Micrel Semiconductor SY100S336 Datasheet HTML 6Page - Micrel Semiconductor SY100S336 Datasheet HTML 7Page - Micrel Semiconductor SY100S336 Datasheet HTML 8Page - Micrel Semiconductor SY100S336 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
SY100S336
Micrel
AC ELECTRICAL CHARACTERISTICS
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
fshift
Shift Frequency700
700
700
MHz
tPLH
Propagation Delay
450
1200
450
1200
450
1200
ps
tPHL
CP to Qn, Qn
tPLH
Propagation Delay
600
1900
600
1900
600
1900
ps
tPHL
CP to TC
tPLH
Propagation Delay
500
1400
500
1400
500
1400
ps
tPHL
MR to Qn, Qn
tPLH
Propagation Delay
600
1900
600
1900
600
1900
ps
tPHL
MR to TC
tPLH
Propagation Delay
400
1200
400
1200
400
1200
ps
tPHL
D0/CET to TC
tPLH
Propagation Delay
1500
2600
1500
2600
1500
2600
ps
tPHL
Sn to TC
tTLH
Transition Time300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
tS
Set-up Time
ps
D3
800
800
800
Pn
800
800
800
D0/CET to CEP
700
700
700
Sn
2000
2000
2000
MR (Release Time)
900
900
900
tH
Hold Time
ps
D3
200
200
200
Pn
200
200
200
D0/CET to CEP
200
200
200
Sn
-600
-600
-600
tpw (H)
Pulse Width HIGH, CP, MR
800
800
800
ps
CERPACK
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND


Similar Part No. - SY100S336

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336 Datasheet
126Kb / 10P
   4-STAGE COUNTER/SHIFT REGISTER
SY100S336A MICREL-SY100S336A Datasheet
149Kb / 9P
   ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
SY100S336A MICREL-SY100S336A Datasheet
126Kb / 10P
   ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
SY100S336AFC MICREL-SY100S336AFC Datasheet
149Kb / 9P
   ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
SY100S336AFC MICREL-SY100S336AFC Datasheet
126Kb / 10P
   ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
More results

Similar Description - SY100S336

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100136 NSC-F100136 Datasheet
234Kb / 10P
   4-Stage Counter/Shift Register
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336_06 Datasheet
126Kb / 10P
   4-STAGE COUNTER/SHIFT REGISTER
SY100S336A MICREL-SY100S336A_06 Datasheet
126Kb / 10P
   ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
SY100S336A MICREL-SY100S336A Datasheet
149Kb / 9P
   ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
logo
National Semiconductor ...
F100336 NSC-F100336 Datasheet
366Kb / 15P
   LOW POWER 4-STAGE COUNTER/SHIFT REGISTER
logo
Fairchild Semiconductor
100336 FAIRCHILD-100336 Datasheet
150Kb / 14P
   Low Power 4-Stage Counter/Shift Register
logo
National Semiconductor ...
100336 NSC-100336 Datasheet
318Kb / 16P
   Low Power 4-Stage Counter/Shift Register
logo
Fairchild Semiconductor
AN-684 FAIRCHILD-AN-684 Datasheet
76Kb / 7P
   100336 Four-Stage Counter/Shift Register
logo
KODENSHI_AUK CORP.
KK4015B KODENSHI-KK4015B Datasheet
311Kb / 6P
   Dual 4-Stage Static Shift Register
logo
System Logic Semiconduc...
SL4015B SLS-SL4015B Datasheet
39Kb / 5P
   Dual 4-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com