Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4875 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM4875
Description  750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4875 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4875 Datasheet HTML 2Page - Texas Instruments LM4875 Datasheet HTML 3Page - Texas Instruments LM4875 Datasheet HTML 4Page - Texas Instruments LM4875 Datasheet HTML 5Page - Texas Instruments LM4875 Datasheet HTML 6Page - Texas Instruments LM4875 Datasheet HTML 7Page - Texas Instruments LM4875 Datasheet HTML 8Page - Texas Instruments LM4875 Datasheet HTML 9Page - Texas Instruments LM4875 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LM4875
SNAS042C – JANUARY 2002 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Power Supply
Attenuation Level vs
Rejection Ratio
DC-Vol Amplitude
Figure 14.
Figure 15.
THD+N vs Frequency
THD+N vs Frequency
Figure 16.
Figure .
THD+N vs Frequency
THD+N vs Output Power
Figure 17.
Figure 18.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM4875


Similar Part No. - LM4875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4875 NSC-LM4875 Datasheet
673Kb / 13P
   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875 NSC-LM4875 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4875M NSC-LM4875M Datasheet
673Kb / 13P
   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875MM NSC-LM4875MM Datasheet
673Kb / 13P
   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
More results

Similar Description - LM4875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4875 NSC-LM4875 Datasheet
673Kb / 13P
   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4865 NSC-LM4865 Datasheet
340Kb / 9P
   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
logo
Texas Instruments
LM4865MX TI1-LM4865MX Datasheet
1Mb / 25P
[Old version datasheet]   LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
National Semiconductor ...
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
   10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
logo
Power Analog Micoelectr...
PAM8007 PAM-PAM8007 Datasheet
968Kb / 16P
   Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com