Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S336AJC Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY100S336AJC
Description  ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S336AJC Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY100S336AJC Datasheet HTML 1Page - Micrel Semiconductor SY100S336AJC Datasheet HTML 2Page - Micrel Semiconductor SY100S336AJC Datasheet HTML 3Page - Micrel Semiconductor SY100S336AJC Datasheet HTML 4Page - Micrel Semiconductor SY100S336AJC Datasheet HTML 5Page - Micrel Semiconductor SY100S336AJC Datasheet HTML 6Page - Micrel Semiconductor SY100S336AJC Datasheet HTML 7Page - Micrel Semiconductor SY100S336AJC Datasheet HTML 8Page - Micrel Semiconductor SY100S336AJC Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
SY100S336A
Micrel
TIMING DIAGRAMS
Propagation Delay (Clock) and Transition Times
Propagation Delay (Reset)
OUTPUT
DATA
20%
80%
50%
tPLH
tPHL
tTLH
tTHL
0.7
± 0.1 ns
0.7
± 0.1 ns
–0.95V
–1.69V
CLOCK
OUTPUT
tPHL
tPLH
50%
1/fshift
tpw (H)
OUTPUT
MR
50%
tPLH
tPHL
–1.69V
CLOCK
OUTPUT
tPHL
tPLH
50%
tpw (H)
20%
80%
50%
0.7
± 0.1 ns
0.7
± 0.1 ns
–0.95V
tS (RELEASE TIME)
20%
80%
50%


Similar Part No. - SY100S336AJC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S336AJC MICREL-SY100S336AJC Datasheet
126Kb / 10P
   ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
SY100S336AJCTR MICREL-SY100S336AJCTR Datasheet
126Kb / 10P
   ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
More results

Similar Description - SY100S336AJC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S336A MICREL-SY100S336A_06 Datasheet
126Kb / 10P
   ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
SY100S336 MICREL-SY100S336 Datasheet
149Kb / 9P
   4-STAGE COUNTER/ SHIFT REGISTER
logo
National Semiconductor ...
F100136 NSC-F100136 Datasheet
234Kb / 10P
   4-Stage Counter/Shift Register
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336_06 Datasheet
126Kb / 10P
   4-STAGE COUNTER/SHIFT REGISTER
logo
National Semiconductor ...
F100336 NSC-F100336 Datasheet
366Kb / 15P
   LOW POWER 4-STAGE COUNTER/SHIFT REGISTER
logo
Fairchild Semiconductor
100336 FAIRCHILD-100336 Datasheet
150Kb / 14P
   Low Power 4-Stage Counter/Shift Register
logo
National Semiconductor ...
100336 NSC-100336 Datasheet
318Kb / 16P
   Low Power 4-Stage Counter/Shift Register
logo
Fairchild Semiconductor
AN-684 FAIRCHILD-AN-684 Datasheet
76Kb / 7P
   100336 Four-Stage Counter/Shift Register
logo
KODENSHI_AUK CORP.
KK4015B KODENSHI-KK4015B Datasheet
311Kb / 6P
   Dual 4-Stage Static Shift Register
logo
System Logic Semiconduc...
SL4015B SLS-SL4015B Datasheet
39Kb / 5P
   Dual 4-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com