Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S355 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY100S355
Description  QUAD MULTIPLEXER/LATCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S355 Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY100S355 Datasheet HTML 1Page - Micrel Semiconductor SY100S355 Datasheet HTML 2Page - Micrel Semiconductor SY100S355 Datasheet HTML 3Page - Micrel Semiconductor SY100S355 Datasheet HTML 4Page - Micrel Semiconductor SY100S355 Datasheet HTML 5Page - Micrel Semiconductor SY100S355 Datasheet HTML 6Page - Micrel Semiconductor SY100S355 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
SY100S355
Micrel
TIMING DIAGRAMS
Data Set-up and Hold Times
NOTES:
1. VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
2. ts is the minimum time before the transition of the clock that information
must be present at the data input.
3. tH is the minimum time after the transition of the clock that information must
remain unchanged at the data input.
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY100S355FC
F24-1
Commercial
SY100S355JC
J28-1
Commercial
SY100S355JCTR
J28-1
Commercial
DATA
50%
–1.69V
S0, S1
tS
tH
–0.95V
–1.69
–0.95V
50%
–1.69V
E1, E2
–0.95V
50%
tS
tH


Similar Part No. - SY100S355

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S355 MICREL-SY100S355 Datasheet
98Kb / 8P
   QUAD MULTIPLEXER/LATCH
SY100S355FC MICREL-SY100S355FC Datasheet
98Kb / 8P
   QUAD MULTIPLEXER/LATCH
SY100S355FCTR MICREL-SY100S355FCTR Datasheet
98Kb / 8P
   QUAD MULTIPLEXER/LATCH
SY100S355JC MICREL-SY100S355JC Datasheet
98Kb / 8P
   QUAD MULTIPLEXER/LATCH
SY100S355JC MICREL-SY100S355JC Datasheet
90Kb / 6P
   QUAD MULTIPLEXER/LATCH
More results

Similar Description - SY100S355

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S355 MICREL-SY100S355_06 Datasheet
98Kb / 8P
   QUAD MULTIPLEXER/LATCH
SY100S355 MICREL-SY100S355_07 Datasheet
90Kb / 6P
   QUAD MULTIPLEXER/LATCH
logo
ON Semiconductor
MC10H173 ONSEMI-MC10H173 Datasheet
156Kb / 5P
   Quad 2?묲nput Multiplexer/Latch
June, 2006 ??Rev. 7
logo
National Semiconductor ...
100355 NSC-100355 Datasheet
148Kb / 10P
   Low Power Quad Multiplexer/Latch
logo
Texas Instruments
100355 TI1-100355 Datasheet
237Kb / 9P
[Old version datasheet]   Low Power Quad Multiplexer/Latch
logo
ON Semiconductor
MC10173 ONSEMI-MC10173_02 Datasheet
111Kb / 8P
   Quad 2-Input Multiplexer/ Latch
January, 2002 ??Rev. 7
MC10173 ONSEMI-MC10173 Datasheet
109Kb / 5P
   Quad 2-Input Multiplexer/Latch
1996 REV 5
logo
Fairchild Semiconductor
100355 FAIRCHILD-100355 Datasheet
88Kb / 10P
   Low Power Quad Multiplexer/Latch
logo
Motorola, Inc
MC10H173 MOTOROLA-MC10H173 Datasheet
73Kb / 4P
   QUAD 2-INPUT MULTIPLEXER / LATCH
MC10168 MOTOROLA-MC10168 Datasheet
73Kb / 4P
   Quad Latch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com