Electronic Components Datasheet Search |
|
BUK954R4-40B Datasheet(PDF) 3 Page - NXP Semiconductors |
|
BUK954R4-40B Datasheet(HTML) 3 Page - NXP Semiconductors |
3 / 14 page BUK954R4-40B All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 03 — 8 February 2011 3 of 14 NXP Semiconductors BUK954R4-40B N-channel TrenchMOS logic level FET 4. Limiting values [1] Continuous current is limited by package. [2] Current is limited by power dissipation chip rating. [3] Continuous current is limited by package Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VDS drain-source voltage Tj ≥ 25 °C; Tj ≤ 175 °C - 40 V VDGR drain-gate voltage RGS =20kΩ -40 V VGS gate-source voltage -15 15 V ID drain current Tmb =100 °C; VGS =5V; see Figure 1 [1] -75 A Tmb =25°C; VGS =5V; see Figure 1; see Figure 3 [2] - 174 A [1] -75 A IDM peak drain current Tmb = 25 °C; pulsed; tp ≤ 10 µs; see Figure 3 - 697 A Ptot total power dissipation Tmb =25°C; see Figure 2 - 254 W Tstg storage temperature -55 175 °C Tj junction temperature -55 175 °C Source-drain diode IS source current Tmb =25°C [3] -75 A [2] - 174 A ISM peak source current pulsed; tp ≤ 10 µs; Tmb = 25 °C - 697 A Avalanche ruggedness EDS(AL)S non-repetitive drain-source avalanche energy ID =75A; Vsup ≤ 40 V; RGS =50 Ω; VGS =5V; Tj(init) = 25 °C; unclamped - 961 mJ |
Similar Part No. - BUK954R4-40B_15 |
|
Similar Description - BUK954R4-40B_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |