Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S360JCTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100S360JCTR
Description  DUAL PARITY CHECKER/ GENERATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S360JCTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100S360JCTR Datasheet HTML 1Page - Micrel Semiconductor SY100S360JCTR Datasheet HTML 2Page - Micrel Semiconductor SY100S360JCTR Datasheet HTML 3Page - Micrel Semiconductor SY100S360JCTR Datasheet HTML 4Page - Micrel Semiconductor SY100S360JCTR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SY100S360
Micrel
Sum of
Output
High Inputs
Z
Even
HIGH
Odd
LOW
TRUTH TABLE(1)
NOTE:
1. Comparator Function:
C = (I0a
⊕ I1a) + (I2a ⊕ I3a) + (I4a ⊕ I5a) + (I6a ⊕ I7a) +
(I0b
⊕ I1b) + (I2b ⊕ I3b) + (I4b ⊕ I5b) + (I6b ⊕ I7b)
AC ELECTRICAL CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
µAVIN = VIH (Max.)
Ia, Ib
——
300
Ina, Inb
——
200
IEE
Power Supply Current
–70
–45
–30
mA
Inputs Open
Pin
Function
Ia, Ib, Ina, Inb
Data Inputs (n = 1...7)
Za – Zb
Parity Odd Outputs
C
Compare Output
VEES
VEE Substrate
VCCA
VCCO for ECL Outputs
PIN NAMES
CERPACK
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
500
2300
500
2300
500
2300
ps
tPHL
Ina, Inb to Za, Zb
tPLH
Propagation Delay
500
1800
500
1800
500
1800
ps
tPHL
Ina, Inb to C
tPLH
Propagation Delay
300
1000
300
1000
300
1000
ps
tPHL
Ia, Ib to Za, Zb
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
PLCC
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
500
2200
500
2200
500
2200
ps
tPHL
Ina, Inb to Za, Zb
tPLH
Propagation Delay
500
1700
500
1700
500
1700
ps
tPHL
Ina, Inb to C
tPLH
Propagation Delay
300
900
300
900
300
900
ps
tPHL
Ia, Ib to Za, Zb
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%


Similar Part No. - SY100S360JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S360JCTR MICREL-SY100S360JCTR Datasheet
89Kb / 6P
   DUAL PARITY CHECKER/GENERATOR
SY100S360JCTR MICREL-SY100S360JCTR Datasheet
82Kb / 4P
   DUAL PARITY CHECKER/ GENERATOR
More results

Similar Description - SY100S360JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S360 MICREL-SY100S360_07 Datasheet
82Kb / 4P
   DUAL PARITY CHECKER/ GENERATOR
SY100S360 MICREL-SY100S360_06 Datasheet
89Kb / 6P
   DUAL PARITY CHECKER/GENERATOR
logo
Texas Instruments
CY5474FCT480T TI-CY5474FCT480T Datasheet
82Kb / 8P
[Old version datasheet]   Dual 8-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
100360 FAIRCHILD-100360 Datasheet
74Kb / 7P
   Low Power Dual Parity Checker/Generator
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160 Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10H160 ONSEMI-MC10H160 Datasheet
111Kb / 4P
   12-Bit Parity Generator-Checker
May, 2000 ??Rev. 7
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com