Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48312 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM48312
Description  Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48312 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM48312_15 Datasheet HTML 4Page - Texas Instruments LM48312_15 Datasheet HTML 5Page - Texas Instruments LM48312_15 Datasheet HTML 6Page - Texas Instruments LM48312_15 Datasheet HTML 7Page - Texas Instruments LM48312_15 Datasheet HTML 8Page - Texas Instruments LM48312_15 Datasheet HTML 9Page - Texas Instruments LM48312_15 Datasheet HTML 10Page - Texas Instruments LM48312_15 Datasheet HTML 11Page - Texas Instruments LM48312_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
VDD = 5V
VDD = 3.3V
VDD = 2.5V
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
VDD = 5V
VDD = 3.3V
VDD = 2.5V
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
VDD = 5V
VDD = 3.3V
VDD = 2.5V
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
VDD = 5V
VDD = 3.3V
VDD = 2.5V
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
VDD = 5V
VDD = 3.3V
VDD = 2.5V
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
VDD = 5V
VDD = 3.3V
VDD = 2.5V
LM48312
SNAS494D – JANUARY 2010 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
For all performance graphs, the Output Gains are set to 0dB, unless otherwise noted.
THD+N vs Output Power
THD+N vs Output Power
AV = 0dB, f = 1kHz, RL = 4Ω
AV = 3dB, f = 1kHz, RL = 4Ω
Figure 17.
Figure 18.
THD+N vs Output Power
THD+N vs Output Power
AV = 6dB, f = 1kHz, RL = 4Ω
AV = 9dB, f = 1kHz, RL = 4Ω
Figure 19.
Figure 20.
THD+N vs Output Power
THD+N vs Output Power
AV = 12dB, f = 1kHz, RL = 4Ω
AV = 0dB, f = 1kHz, RL = 3Ω
Figure 21.
Figure 22.
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM48312


Similar Part No. - LM48312_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48312TLE NSC-LM48312TLE Datasheet
943Kb / 20P
   2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
LM48312TLX NSC-LM48312TLX Datasheet
943Kb / 20P
   2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
More results

Similar Description - LM48312_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48310 TI1-LM48310_14 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
National Semiconductor ...
LM48312 NSC-LM48312 Datasheet
943Kb / 20P
   2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48311 NSC-LM48311 Datasheet
485Kb / 16P
   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48310SD TI-LM48310SD Datasheet
1,013Kb / 22P
[Old version datasheet]   LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48512 TI-LM48512_15 Datasheet
1Mb / 22P
[Old version datasheet]   Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
logo
National Semiconductor ...
LM48411 NSC-LM48411_08 Datasheet
443Kb / 22P
   Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48411 NSC-LM48411 Datasheet
407Kb / 18P
   Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48411 TI1-LM48411_14 Datasheet
875Kb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
775Kb / 17P
   ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com