Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJP13NA50 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJP13NA50
Description  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJP13NA50 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJP13NA50 Datasheet HTML 1Page - Pan Jit International Inc. PJP13NA50 Datasheet HTML 2Page - Pan Jit International Inc. PJP13NA50 Datasheet HTML 3Page - Pan Jit International Inc. PJP13NA50 Datasheet HTML 4Page - Pan Jit International Inc. PJP13NA50 Datasheet HTML 5Page - Pan Jit International Inc. PJP13NA50 Datasheet HTML 6Page - Pan Jit International Inc. PJP13NA50 Datasheet HTML 7Page - Pan Jit International Inc. PJP13NA50 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PPJP13NA50 / PJF13NA50
March 10,2014-REV.00
Page 1
500V N-Channel MOSFET
Voltage
500 V
Current
13 A
ITO-220AB-F
TO-220AB
Features
RDS(ON), VGS@10V,ID@6.5A<0.52Ω
High switching speed
Improved dv/dt capability
Low Gate Charge
Low reverse transfer capacitance
Lead free in compliance with EU RoHS 2011/65/EU directive.
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case : TO-220AB, ITO-220AB-F Package
Terminals : Solderable per MIL-STD-750, Method 2026
TO-220AB Approx. Weight : 0.067 ounces, 1.9 grams
ITO-220AB-F Approx. Weight : 0.068 ounces, 2 grams
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TO-220AB
ITO-220AB-F
UNITS
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
+30
V
Continuous Drain Current
ID
13
A
Pulsed Drain Current
IDM
52
A
Single Pulse Avalanche Energy
(Note 1)
EAS
824
mJ
Power Dissipation
TC=25
oC
PD
190
51
W
Derate above 25
oC
1.52
0.41
W/
oC
Operating Junction and
Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal resistance
-
Junction to Case
-
Junction to Ambient
RθJC
RθJA
0.66
62.5
2.45
120
oC/W
Limited only By Maximum Junction Temperature


Similar Part No. - PJP13NA50

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP13N50 PANJIT-PJP13N50 Datasheet
201Kb / 5P
   500V N-Channel Enhancement Mode MOSFET
More results

Similar Description - PJP13NA50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com