Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL9961 Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # IL9961
Description  Architecture and decorative LED lighting
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL9961 Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  IL9961 Datasheet HTML 1Page - IK Semicon Co., Ltd IL9961 Datasheet HTML 2Page - IK Semicon Co., Ltd IL9961 Datasheet HTML 3Page - IK Semicon Co., Ltd IL9961 Datasheet HTML 4Page - IK Semicon Co., Ltd IL9961 Datasheet HTML 5Page - IK Semicon Co., Ltd IL9961 Datasheet HTML 6Page - IK Semicon Co., Ltd IL9961 Datasheet HTML 7Page - IK Semicon Co., Ltd IL9961 Datasheet HTML 8Page - IK Semicon Co., Ltd IL9961 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IL9961
2013 December, Ver. 00
Absolute Maximum Ratings
Symbol
Description
Limit
Unit
Min
Max
VIN
Input voltage
-0.5
470
V
VDD
Voltage, applied to the pin VDD
-0.3
12.3
V
-
Voltage at pin PWMD, CS, LD, GATE,
RT
-0.3
VDD + 0.3
V
Та
Limit ambient temperature
-60
150
°С
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Recommended Operating Ratings
Symbol
Description
Limit
Unit
Min
Max
VIN
Input voltage
1)
8
450
V
VDDMAX
Maximum voltage, applied to the pin
VDD
12
V
Тj
Maximum chip temperature
150
°С
PDIS
Dissipated power, in package SO-8
650
2)
mW
In package SO-16
1000
2)
1) It is limited by dissipated power in the package
2) Value P
DIS is indicated at the ambient temperature of Та ≤ 25 °С


Similar Part No. - IL9961

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL9910-A IKSEMICON-IL9910-A Datasheet
638Kb / 11P
   8V to 450V input range
IL9921 IKSEMICON-IL9921 Datasheet
316Kb / 6P
   HIGH-VOLTAGE LED DRIVER
More results

Similar Description - IL9961

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS2801 ETC1-WS2801 Datasheet
428Kb / 15P
   LED decorative lighting
logo
ADTech
MAGIC6 ADTECH-MAGIC6 Datasheet
101Kb / 10P
   specifically designed for LED lighting and decorative LED lighting applications
logo
OSRAM GmbH
PLT5520EA_P OSRAM-PLT5520EA_P Datasheet
1Mb / 16P
   Architecture / Garden Lighting (LED & Laser)
PLT5522EA_P OSRAM-PLT5522EA_P Datasheet
1Mb / 16P
   Architecture / Garden Lighting (LED & Laser)
logo
OPTEK Technologies
OVM18F4W7 OPTEK-OVM18F4W7 Datasheet
268Kb / 2P
   Special decorative interior/exterior lighting
logo
BetLux Electronics
BL-HP12E-5W BETLUX-BL-HP12E-5W Datasheet
225Kb / 4P
   5W LEDs suitable for illumination lamps and decorative lighting
BL-HP15E-10W BETLUX-BL-HP15E-10W Datasheet
228Kb / 4P
   10W LEDs suitable for illumination lamps and decorative lighting
BL-HP26E-30W BETLUX-BL-HP26E-30W Datasheet
222Kb / 4P
   30W LEDs suitable for illumination lamps and decorative lighting
BL-HP7E-1W BETLUX-BL-HP7E-1W Datasheet
236Kb / 4P
   1W LEDs , suitable for illumination lamps and decorative lighting
BL-HP9E-1W BETLUX-BL-HP9E-1W Datasheet
218Kb / 4P
   1W LEDs , suitable for illumination lamps and decorative lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com