Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK663R2-40C Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK663R2-40C
Description  N-channel TrenchMOS intermediate level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK663R2-40C Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK663R2-40C_15 Datasheet HTML 2Page - NXP Semiconductors BUK663R2-40C_15 Datasheet HTML 3Page - NXP Semiconductors BUK663R2-40C_15 Datasheet HTML 4Page - NXP Semiconductors BUK663R2-40C_15 Datasheet HTML 5Page - NXP Semiconductors BUK663R2-40C_15 Datasheet HTML 6Page - NXP Semiconductors BUK663R2-40C_15 Datasheet HTML 7Page - NXP Semiconductors BUK663R2-40C_15 Datasheet HTML 8Page - NXP Semiconductors BUK663R2-40C_15 Datasheet HTML 9Page - NXP Semiconductors BUK663R2-40C_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BUK663R2-40C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 14 October 2010
6 of 14
NXP Semiconductors
BUK663R2-40C
N-channel TrenchMOS intermediate level FET
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =250 µA; VGS =0V; Tj = 25 °C
40
--V
ID =250 µA; VGS =0V; Tj = -55 °C
36
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS =VGS; Tj =25°C;
see Figure 9; see Figure 10
1.8
2.3
2.8
V
ID =1mA; VDS =VGS; Tj =-55 °C;
see Figure 10
--3.3
V
ID =2.5 mA; VDS =VGS; Tj = 175 °C;
see Figure 10
0.8
--V
IDSS
drain leakage current
VDS =40V; VGS =0V; Tj = 175 °C
-
-
500
µA
VDS =40V; VGS =0V; Tj = 25 °C
-
0.02
1
µA
IGSS
gate leakage current
VDS =0V; VGS =20V; Tj = 25 °C
-
2
100
nA
VDS =0V; VGS =-20 V; Tj = 25 °C
-
2
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =25A; Tj =25°C;
see Figure 11
-2.7
3.2
mΩ
VGS =5V; ID =25A; Tj =25 °C;
see Figure 11
-3.8
4.8
mΩ
VGS =4.5 V; ID =25A; Tj =25°C;
see Figure 11
-4.3
5.7
mΩ
VGS =10V; ID =25A; Tj = 175 °C;
see Figure 12; see Figure 11
--6.7
mΩ
Dynamic characteristics
QG(tot)
total gate charge
ID =25A; VDS =32V; VGS =10V;
see Figure 13; see Figure 14
-
125
-
nC
ID =25A; VDS =32V; VGS =5V;
see Figure 13; see Figure 14
-71
-
nC
QGS
gate-source charge
ID =25A; VDS =32V; VGS =10V;
see Figure 13; see Figure 14
-23
-
nC
QGD
gate-drain charge
-
42
-
nC
Ciss
input capacitance
VGS =0V; VDS =25V; f=1MHz;
Tj =25°C; see Figure 15
-
6016
8020
pF
Coss
output capacitance
-
739
870
pF
Crss
reverse transfer
capacitance
-
510
700
pF
td(on)
turn-on delay time
VDS =30V; RL =1.2 Ω; VGS =10V;
RG(ext) =10 Ω
-40
-
ns
tr
rise time
-
87
-
ns
td(off)
turn-off delay time
-
224
-
ns
tf
fall time
-117
-ns
LD
internal drain
inductance
from upper edge of drain mounting base
to centre of die; Tj =25°C
-3.5
-nH
LS
internal source
inductance
from source lead to source bond pad;
Tj =25°C
-7.5
-nH


Similar Part No. - BUK663R2-40C_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK663R2-40C NEXPERIA-BUK663R2-40C Datasheet
952Kb / 14P
   N-channel TrenchMOS intermediate level FET
More results

Similar Description - BUK663R2-40C_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK6218-40C NXP-BUK6218-40C Datasheet
391Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 1-4 October 2010
BUK662R5-30C PHILIPS-BUK662R5-30C_15 Datasheet
380Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-14 October 2010
BUK6E3R4-40C PHILIPS-BUK6E3R4-40C_15 Datasheet
376Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-14 October 2010
BUK6217-55C PHILIPS-BUK6217-55C_15 Datasheet
195Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-9 July 2012
BUK664R4-55C PHILIPS-BUK664R4-55C_15 Datasheet
225Kb / 16P
   N-channel TrenchMOS intermediate level FET
Rev. 03-21 December 2010
logo
Nexperia B.V. All right...
BUK652R7-30C NEXPERIA-BUK652R7-30C Datasheet
495Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK652R1-30C NEXPERIA-BUK652R1-30C Datasheet
512Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK661R8-30C NEXPERIA-BUK661R8-30C Datasheet
756Kb / 14P
   N-channel TrenchMOS intermediate level FET
BUK653R5-55C NEXPERIA-BUK653R5-55C Datasheet
490Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 1 - 27 October 2010
logo
NXP Semiconductors
BUK6213-30A PHILIPS-BUK6213-30A_15 Datasheet
304Kb / 10P
   N-channel TrenchMOS intermediate level FET
Rev. 03-2 February 2011
BUK6210-55C PHILIPS-BUK6210-55C_15 Datasheet
383Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-4 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com