Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK662R5-30C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK662R5-30C
Description  N-channel TrenchMOS intermediate level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK662R5-30C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK662R5-30C_15 Datasheet HTML 4Page - NXP Semiconductors BUK662R5-30C_15 Datasheet HTML 5Page - NXP Semiconductors BUK662R5-30C_15 Datasheet HTML 6Page - NXP Semiconductors BUK662R5-30C_15 Datasheet HTML 7Page - NXP Semiconductors BUK662R5-30C_15 Datasheet HTML 8Page - NXP Semiconductors BUK662R5-30C_15 Datasheet HTML 9Page - NXP Semiconductors BUK662R5-30C_15 Datasheet HTML 10Page - NXP Semiconductors BUK662R5-30C_15 Datasheet HTML 11Page - NXP Semiconductors BUK662R5-30C_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BUK662R5-30C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 14 October 2010
8 of 14
NXP Semiconductors
BUK662R5-30C
N-channel TrenchMOS intermediate level FET
Fig 9.
Sub-threshold drain current as a function of
gate-source voltage
Fig 10. Gate-source threshold voltage as a function of
junction temperature
Fig 11. Drain-source on-state resistance as a function
of drain current; typical values
Fig 12. Normalized drain-source on-state resistance
factor as a function of junction temperature
003aad806
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
01
23
4
VGS (V)
ID
(A)
max
typ
min
003aae542
0
1
2
3
4
-60
0
60
120
180
Tj (
°C)
VGS(th)
(V)
max @1mA
typ @1mA
min @2.5mA
003aae782
0
2
4
6
8
10
0
60
120
180
240
ID (A)
RDSon
(m
Ω)
10.0
6.0
4.5
3.8
VGS (V) =
5.0
4.0
03aa27
0
0.5
1
1.5
2
−60
0
60
120
180
Tj (
°C)
a


Similar Part No. - BUK662R5-30C_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK662R5-30C NEXPERIA-BUK662R5-30C Datasheet
930Kb / 14P
   N-channel TrenchMOS intermediate level FET
More results

Similar Description - BUK662R5-30C_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK6218-40C NXP-BUK6218-40C Datasheet
391Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 1-4 October 2010
BUK6E3R4-40C PHILIPS-BUK6E3R4-40C_15 Datasheet
376Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-14 October 2010
BUK6217-55C PHILIPS-BUK6217-55C_15 Datasheet
195Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-9 July 2012
BUK664R4-55C PHILIPS-BUK664R4-55C_15 Datasheet
225Kb / 16P
   N-channel TrenchMOS intermediate level FET
Rev. 03-21 December 2010
logo
Nexperia B.V. All right...
BUK652R7-30C NEXPERIA-BUK652R7-30C Datasheet
495Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK652R1-30C NEXPERIA-BUK652R1-30C Datasheet
512Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK661R8-30C NEXPERIA-BUK661R8-30C Datasheet
756Kb / 14P
   N-channel TrenchMOS intermediate level FET
BUK653R5-55C NEXPERIA-BUK653R5-55C Datasheet
490Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 1 - 27 October 2010
logo
NXP Semiconductors
BUK6213-30A PHILIPS-BUK6213-30A_15 Datasheet
304Kb / 10P
   N-channel TrenchMOS intermediate level FET
Rev. 03-2 February 2011
BUK6210-55C PHILIPS-BUK6210-55C_15 Datasheet
383Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-4 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com