Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJU6NA70 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJU6NA70
Description  700V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJU6NA70 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJU6NA70 Datasheet HTML 1Page - Pan Jit International Inc. PJU6NA70 Datasheet HTML 2Page - Pan Jit International Inc. PJU6NA70 Datasheet HTML 3Page - Pan Jit International Inc. PJU6NA70 Datasheet HTML 4Page - Pan Jit International Inc. PJU6NA70 Datasheet HTML 5Page - Pan Jit International Inc. PJU6NA70 Datasheet HTML 6Page - Pan Jit International Inc. PJU6NA70 Datasheet HTML 7Page - Pan Jit International Inc. PJU6NA70 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PPJU6NA70 / PJD6NA70 / PJP6NA70 / PJF6NA70
March 10,2014-REV.00
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=250uA
700
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
2
2.8
4
V
Drain-Source On-State Resistance
RDS(on)
VGS=10V,ID=3A
-
1.47
1.7
Ω
Zero Gate Voltage Drain Current
IDSS
VDS=700V,VGS=0V
-
0.03
1.0
uA
Gate-Source Leakage Current
IGSS
VGS=+30V,VDS=0V
-
+10
+100
nA
Diode Forward Voltage
VSD
IS=6A,VGS=0V
-
0.87
1.4
V
Dynamic
(Note 4)
Total Gate Charge
Qg
VDS=560V, ID=6A,
VGS=10V
(Note 2,3)
-
16.5
-
nC
Gate-Source Charge
Qgs
-
4.8
-
Gate-Drain Charge
Qgd
-
5.7
-
Input Capacitance
Ciss
VDS=25V, VGS=0V,
f=1.0MHZ
-
831
-
pF
Output Capacitance
Coss
-
92
-
Reverse Transfer Capacitance
Crss
-
0.8
-
Turn-On Delay Time
td(on)
VDD=350V, ID=6A,
RG=25Ω
(Note 2,3)
-
25
-
ns
Turn-On Rise Time
tr
-
38
-
Turn-Off Delay Time
td(off)
-
49
-
Turn-Off Fall Time
tf
-
30
-
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
6
A
Maximum Pulsed Drain-Source
Diode Forward Current
ISM
---
-
-
24
A
Reverse Recovery Time
trr
VGS=0V, IS=6A
dIF/ dt=100A/us
(Note 2)
-
531
-
ns
Reverse Recovery Charge
Qrr
-
3.3
-
uC
NOTES :
1.
L=30mH, IAS=4.5A, VDD=50V, RG=25ohm, Starting TJ=25
oC
2.
Pulse width<300us, Duty cycle<2%
3.
Essentially independent of operating temperature typical characteristics.
4.
Guaranteed by design, not subject to production testing


Similar Part No. - PJU6NA70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJU6NA40 PANJIT-PJU6NA40 Datasheet
467Kb / 8P
   400V N-Channel MOSFET
More results

Similar Description - PJU6NA70

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com