Electronic Components Datasheet Search |
|
PJU7NA60-1 Datasheet(PDF) 1 Page - Pan Jit International Inc. |
|
PJU7NA60-1 Datasheet(HTML) 1 Page - Pan Jit International Inc. |
1 / 9 page PPJU7NA60 / PJU7NA60-1 / PJD7NA60 / PJP7NA60 / PJF7NA60 March 16,2015-REV.01 Page 1 600V N-Channel MOSFET Voltage 600 V Current 7 A ITO-220AB-F TO-220AB TO-252AA TO-251AA TO-251AA-1 Features R DS(ON), VGS@10V,ID@3.5A<1.2Ω High switching speed Improved dv/dt capability Low Gate Charge Low reverse transfer capacitance Lead free in compliance with EU RoHS 2011/65/EU directive. Green molding compound as per IEC61249 Std. (Halogen Free) Mechanical Data Case: TO-251AA, TO-251AA -1,TO-252AA ,TO-220AB, ITO-220AB-F Package Terminals : Solderable per MIL-STD-750, Method 2026 TO-251AA Approx. Weight : 0.0104 ounces, 0.297grams TO-251AA-1 Approx. Weight : 0.0118 ounces, 0.336grams TO-252AA Approx. Weight : 0.0104 ounces, 0.297grams TO-220AB Approx. Weight : 0.067 ounces, 1.9 grams ITO-220AB-F Approx. Weight : 0.068 ounces, 2 grams Maximum Ratings and Thermal Characteristics (TA=25 o C unless otherwise noted) PARAMETER SYMBOL TO-251AA TO-251AA-1 TO-220AB ITO-220AB-F TO-252AA UNITS Drain-Source Voltage VDS 600 V Gate-Source Voltage VGS +30 V Continuous Drain Current ID 7 A Pulsed Drain Current IDM 28 A Single Pulse Avalanche Energy (Note 1) EAS 489 mJ Power Dissipation TC=25 oC PD 140 145 45 140 W Derate above 25 oC 1.12 1.16 0.36 1.12 W/ oC Operating Junction and Storage Temperature Range TJ,TSTG -55~150 oC Typical Thermal resistance - Junction to Case - Junction to Ambient RθJC RθJA 0.89 110 0.88 62.5 2.78 120 0.89 110 oC/W Limited only By Maximum Junction Temperature |
Similar Part No. - PJU7NA60-1 |
|
Similar Description - PJU7NA60-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |