Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10E111JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10E111JC
Description  1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E111JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10E111JC Datasheet HTML 1Page - Micrel Semiconductor SY10E111JC Datasheet HTML 2Page - Micrel Semiconductor SY10E111JC Datasheet HTML 3Page - Micrel Semiconductor SY10E111JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BLOCK DIAGRAM
IN
VBB
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Q5
Q5
Q6
Q6
Q7
Q7
Q8
Q8
IN
EN
FEATURES
s Low skew
s Extended 100E VEE range of –4.2V to –5.5V
s Guaranteed skew limits
s Differential design
s VBB output
s Enable input
s Fully compatible with industry standard 10KH, 100K
I/O levels
s 75K
input pulldown resistors
s Fully compatible with Motorola MC10E/100E111
s Available in 28-pin PLCC package
The SY10/100E111 are low skew 1-to-9 differential
drivers designed for clock distribution in new, high-
performance ECL systems. They accept one differential or
single-ended input, with VBB used for single-ended
operation. The signal is fanned out to nine identical
differential outputs. An enable input is also provided such
that a logic HIGH disables the device by forcing all Q
outputs LOW and all Q outputs HIGH.
The device is specifically designed and produced for low
skew. The interconnect scheme and metal layout are
carefully optimized for minimal gate-to-gate skew within
the device. Wafer characterization and process control
ensure consistent distribution of propagation delay from lot
to lot. Since the E111 shares a common set of “basic”
processing with the other members of the ECLinPS family,
wafer characterization at the point of device personalization
allows for tighter control of parameters, including
propagation delay.
To ensure that the skew specification is met, it is
necessary that both sides of the differential output are
terminated into 50
Ω, even if only one side is being used. ln
most applications, all nine differential pairs will be used
and, therefore, terminated. In the case where fewer than
nine pairs are used, it is necessary to terminate at least the
output pairs on the same package side (i.e. sharing the
same VCCO as the pair(s) being used on that side) in order
to maintain minimum skew.
The VBB output is intended for use as a reference
voltage for single-ended reception of ECL signals to that
device only. When using VBB for this purpose, it is
recommended that VBB is decoupled to VCC via a 0.01
µF
capacitor.
1:9 DIFFERENTIAL CLOCK
DRIVER WITH ENABLE
DESCRIPTION
Rev.: B
Amendment: /2
Issue Date: February, 1998
ClockWorks™
SY10E111
SY100E111
1


Similar Part No. - SY10E111JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111JC MICREL-SY10E111JC Datasheet
68Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111JCTR MICREL-SY10E111JCTR Datasheet
68Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
More results

Similar Description - SY10E111JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111 MICREL-SY10E111_06 Datasheet
68Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE Datasheet
91Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111AE MICREL-SY10E111AE_06 Datasheet
77Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111A MICREL-SY10E111A Datasheet
84Kb / 5P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER w/o ENABLE
SY10E111A MICREL-SY10E111A_06 Datasheet
76Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
   1:9 Differential Clock Driver
logo
Semtech Corporation
SK10LVE111E SEMTECH-SK10LVE111E Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/PECL Clock Driver with Enable Input
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
   1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
logo
Texas Instruments
CDCVF111 TI-CDCVF111 Datasheet
121Kb / 1P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com