Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3168A-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM3168A-Q1
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168A-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  PCM3168A-Q1_15 Datasheet HTML 1Page - Texas Instruments PCM3168A-Q1_15 Datasheet HTML 2Page - Texas Instruments PCM3168A-Q1_15 Datasheet HTML 3Page - Texas Instruments PCM3168A-Q1_15 Datasheet HTML 4Page - Texas Instruments PCM3168A-Q1_15 Datasheet HTML 5Page - Texas Instruments PCM3168A-Q1_15 Datasheet HTML 6Page - Texas Instruments PCM3168A-Q1_15 Datasheet HTML 7Page - Texas Instruments PCM3168A-Q1_15 Datasheet HTML 8Page - Texas Instruments PCM3168A-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
Burr-BrownAudio
1
FEATURES
APPLICATIONS
PCM3168A
PCM3168A-Q1
www.ti.com ......................................................................................................................................................................................... SBAS452 – SEPTEMBER 2008
24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
• FLEXIBLE MODE CONTROL:
2345
• 24-BIT ΔΣ ADC AND DAC
Four-Wire SPI™, Two-Wire I2C™
Compatible Serial Control Interface or
• SIX-CHANNEL ADC:
Hardware Control
High Performance: Differential and
• MULTIPLE FUNCTIONS VIA SPI OR I2C I/F:
Single-Ended, fS = 48 kHz
Audio I/F Mode/Format Select for ADC and
THD+N: –93 dB (Differential), –93 dB
DAC
(Single-Ended)
Digital Attenuation and Soft Mute for ADC
SNR: 107 dB (Differential), 104 dB
and DAC
(Single-Ended)
Digital De-Emphasis: 32 kHz, 44.1 kHz,
Dynamic Range: 107 dB (Differential),
48 kHz for DAC
104 dB (Single-Ended)
Data Polarity Control for ADC and DAC
Sampling Rate: 8 kHz to 96 kHz
Power Down ADC/DAC Independently
System Clock: 256 fS, 384 fS, 512 fS, 768 fS
• MULTI FUNCTIONS VIA H/W CONTROL:
Differential Voltage Input: 2 VRMS
Audio I/F Mode/Format Select
Single-Ended Voltage Input: 1 VRMS
Digital De-Emphasis Filter:
Decimation Filter:
44.1 kHz for DAC
Passband Ripple: ±0.035 dB
• EXTERNAL RESET PIN:
Stop Band Attenuation: –75 dB
ADC/DAC Simultaneous
On-Chip, High-Pass Filter:
• AUDIO INTERFACE MODE:
0.96 Hz at fS = 48 kHz
ADC/DAC Independent Master/Slave
Overflow Flag
• AUDIO DATA FORMAT:
• EIGHT-CHANNEL DAC:
ADC/DAC Independent I2S™, Left-Justified,
High Performance: Differential, fS = 48 kHz
Right-Justified, DSP, TDM
THD+N: –94 dB
• POWER SUPPLIES: 5 V for Analog and
SNR: 112 dB
3.3 V for Digital
Dynamic Range: 112 dB
• PACKAGE: HTQFP-64
Sampling Rate: 8 kHz to 192 kHz
• OPERATING TEMPERATURE RANGE:
System Clock: 128 fS, 192 fS, 256 fS, 384 fS,
Consumer Grade: –40°C to +85°C
512 fS, 768 fS
Automotive Audio Grade: –40°C to +105°C
Differential Voltage Output: 8 VPP
Analog Low-Pass Filter Included
4x/8x Oversampling Digital Filter:
• CAR AUDIO EXTERNAL AMPLIFIERS
Passband Ripple: ±0.0018 dB
• CAR AUDIO AVN APPLICATIONS
Stop Band Attenuation: –75 dB
• HOME THEATERS
Zero Flag
• AV RECEIVERS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments Incorporated.
3
SPI is a trademark of Motorola.
4
I2C, I2S are trademarks of NXP Semiconductors.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM3168A-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3168A-Q1 TI-PCM3168A-Q1 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
More results

Similar Description - PCM3168A-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3168A TI-PCM3168A_15 Datasheet
1Mb / 68P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PCM3168A TI-PCM3168A Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
PCM3010 TI-PCM3010 Datasheet
434Kb / 31P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
Cirrus Logic
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 70P
   108 dB, 192 kHz 6-in, 8-out CODEC
CS42448 CIRRUS-CS42448_06 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-In, 8-Out CODEC
CS42448 CIRRUS-CS42448_07 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-In, 8-Out CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com