Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100E104 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100E104
Description  QUINT 2-INPUT AND/NAND GATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E104 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100E104 Datasheet HTML 1Page - Micrel Semiconductor SY100E104 Datasheet HTML 2Page - Micrel Semiconductor SY100E104 Datasheet HTML 3Page - Micrel Semiconductor SY100E104 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The SY10/100E104 are quint 2-input AND/NAND gates
designed for use in new, high-performance ECL systems.
The E104 also features a function output, F, which is the
OR of all five AND gate outputs, while F is the NOR. Both
true and complementary outputs are provided.
FEATURES
DESCRIPTION
s 600ps max. propagation delay
s Extended 100E VEE range of –4.2V to –5.5V
s True and complementary outputs
s OR/NOR function outputs
s Fully compatible with Industry standard 10KH,
100K I/O levels
s Internal 75K
input pulldown resistors
s Fully compatible with Motorola MC10E/100E104
s Available in 28-pin PLCC package
QUINT 2-INPUT
AND/NAND GATE
SY10E104
SY100E104
Rev.: E
Amendment: /0
Issue Date:
November, 1998
PIN CONFIGURATION
Pin
Function
Dna, Dnb
Data Inputs
Q0-Q4
AND Outputs
Q0-Q4
NAND Outputs
F
OR Output
F
NOR Output
VCCO
VCC to Output
PIN NAMES
BLOCK DIAGRAM
VEE
D3b
D2a
D1b
D1a
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25
24
23
22
21
20
19
56789
10
11
D0a
D2b
Q4
PLCC
TOP VIEW
J28-1
Q4
VCC
Q3
Q3
Q2
Q2
D0a
D0b
D1a
D1b
D2a
D2b
D3a
D3b
D4a
D4b
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
F
F
Q4
Q4
1


Similar Part No. - SY100E104

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E104 MICREL-SY100E104 Datasheet
64Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
SY100E104JC MICREL-SY100E104JC Datasheet
64Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
SY100E104JCTR MICREL-SY100E104JCTR Datasheet
64Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
SY100E104JI MICREL-SY100E104JI Datasheet
64Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
SY100E104JITR MICREL-SY100E104JITR Datasheet
64Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
More results

Similar Description - SY100E104

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104_0 Datasheet
64Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10E104 ONSEMI-MC10E104 Datasheet
102Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
1996 REV 2
MC10E104 ONSEMI-MC10E104_06 Datasheet
78Kb / 7P
   5V ECL Quint 2-Input AND/NAND Gate
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100S304 MICREL-SY100S304_07 Datasheet
79Kb / 4P
   QUINT AND/NAND GATE
SY100S304 MICREL-SY100S304 Datasheet
98Kb / 5P
   QUINT AND/NAND GATE
logo
National Semiconductor ...
F100304 NSC-F100304 Datasheet
135Kb / 4P
   LOW POWER QUINT AND / NAND GATE
logo
Fairchild Semiconductor
100304 FAIRCHILD-100304 Datasheet
65Kb / 6P
   Low Power Quint AND/NAND Gate
logo
National Semiconductor ...
100304 NSC-100304 Datasheet
109Kb / 8P
   Low Power Quint AND/NAND Gate
logo
Texas Instruments
100304 TI1-100304 Datasheet
135Kb / 7P
[Old version datasheet]   Low Power Quint AND/NAND Gate
logo
ON Semiconductor
MC10E104 ONSEMI-MC10E104_16 Datasheet
154Kb / 7P
   5 V ECL Quint 2?륤nput AND/NAND Gate
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com