Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S838LZITR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S838LZITR
Description  (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S838LZITR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S838LZITR Datasheet HTML 1Page - Micrel Semiconductor SY100S838LZITR Datasheet HTML 2Page - Micrel Semiconductor SY100S838LZITR Datasheet HTML 3Page - Micrel Semiconductor SY100S838LZITR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The SY100S838/L is a low skew (
÷1, ÷2/3) or (÷2, ÷4/
6) clock generation chip designed explicitly for low skew
clock generation applications. The internal dividers are
synchronous to each other, therefore, the common output
edges are all precisely aligned. The devices can be driven
by either a differential or single-ended ECL or, if positive
power supplies are used, PECL input signal. In addition,
by using the VBB output, a sinusoidal source can be AC-
coupled into the device. If a single-ended input is to be
used, the VBB output should be connected to the CLK
input and bypassed to ground via a 0.01
µF capacitor.
The VBB output is designed to act as the switching
reference for the input of the SY100S838/L under single-
ended input conditions. As a result, this pin can only
source/sink up to 0.5mA of current.
The Function Select (FSEL) input is used to determine
what clock generation chip function is. When FSEL input
is LOW, SY100S838/L functions as a divide by 2 and by
4/6 clock generation chip. However, if FSEL input is HIGH,
it functions as a divide by 1 and by 2/3 clock chip.
The common enable (EN) is synchronous so that the
internal dividers will only be enabled/disabled when the
internal clock is already in the LOW state. This avoids
any chance of generating a runt clock pulse on the
internal clock when the device is enabled/disabled as
can happen with an asynchronous control. An internal
runt pulse could lead to losing synchronization between
the internal divider stages. The internal enable flip-flop is
clocked on the falling edge of the input clock, therefore,
all associated specification limits are referenced to the
negative edge of the clock input.
Upon start-up, the internal flip-flops will attain a random
state; the master reset (MR) input allows for the
synchronization of the internal dividers, as well as for
multiple SY100S838/Ls in a system.
s 3.3V and 5V power supply options
s 50ps output-to-output skew
s Synchronous enable/disable
s Master Reset for synchronization
s Internal 75K
input pull-down resistors
s Available in 20-pin SOIC package
DESCRIPTION
FEATURES
Rev.: E
Amendment: /1
Issue Date:
August, 1998
(
÷1, ÷2/3) OR (÷2, ÷4/6)
CLOCK GENERATION CHIP
ClockWorks™
SY100S838
SY100S838L
Pin
Function
CLK
Differential Clock Inputs
FSEL
Function Select Input
EN
Synchronous Enable
MR
Master Reset
VBB
Reference Output
Q0, Q1
Differential
÷1 or ÷2 Outputs
Q2, Q3
Differential
÷2/3 or ÷4/6 Outputs
DIVSEL
Frequency Select Input
PIN NAMES
FSEL
DIVSEL
Q0, Q1 OUTPUTS
Q2, Q3 OUTPUTS
L
L
Divide by 2
Divide by 4
L
H
Divide by 2
Divide by 6
H
L
Divide by 1
Divide by 2
H
H
Divide by 1
Divide by 3
CLK
EN
MR
Function
Z
L
L
Divide
ZZ
H
L
Hold Q0–3
X
X
H
Reset Q0–3
TRUTH TABLE
NOTES:
Z = LOW-to-HIGH transition
ZZ = HIGH-to-LOW transition
PIN CONFIGURATION
VCC
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
VEE
VCC
EN
DIVSEL CLK
CLK
VBB
MR
VCC
NC
FSEL
1
2345
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TOP VIEW
SOIC
Z20-1
1


Similar Part No. - SY100S838LZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S838LZITR MICREL-SY100S838LZITR Datasheet
483Kb / 5P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
More results

Similar Description - SY100S838LZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838_06 Datasheet
483Kb / 5P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
SY100S834 MICREL-SY100S834_09 Datasheet
82Kb / 6P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_06 Datasheet
61Kb / 5P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL38 ONSEMI-MC100LVEL38 Datasheet
128Kb / 5P
   첨2, 첨4/6 Clock Generation Chip
1996 REV 1
logo
Motorola, Inc
MC100LVEL39 MOTOROLA-MC100LVEL39 Datasheet
127Kb / 4P
   첨2/4,첨4/6 Clock Generation Chip
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY100S839V MICREL-SY100S839V Datasheet
68Kb / 5P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com