Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100E111LJCTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100E111LJCTR
Description  5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER w/o ENABLE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E111LJCTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100E111LJCTR Datasheet HTML 1Page - Micrel Semiconductor SY100E111LJCTR Datasheet HTML 2Page - Micrel Semiconductor SY100E111LJCTR Datasheet HTML 3Page - Micrel Semiconductor SY100E111LJCTR Datasheet HTML 4Page - Micrel Semiconductor SY100E111LJCTR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ClockWorks™
SY10E111A/L
SY100E111A/L
Micrel
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VOH
Output HIGH Voltage
mV
10EL
–1080
–890
–1020
–840
–980
–810
–910
–720
100EL
–1085
–880
–1025
–880
–1025
–880
–1025
–880
VOL
Output LOW Voltage
mV
10EL
–1950
–1650 –1950
–1630 –1950
–1630 –1950
–1595
100EL
–1830
–1550 –1810
–1620 –1810
–1620 –1810
–1620
VIH
Input HIGH Voltage
mV
10EL
–1230
–890
–1170
–840
–1130
–810
–1060
–720
100EL
–1165
–880
–1165
–880
–1165
–880
–1165
–880
VIL
Input LOW Voltage
mV
10EL
–1950
–1500 –1950
–1480 –1950
–1480 –1950
–1445
100EL
–1810
–1475 –1810
–1475 –1810
–1475 –1810
–1475
VBB
Output Reference
V
Voltage
10EL
–1.43
–1.30
–1.38
–1.27
–1.35
–1.25
–1.31
–1.19
100EL
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current
µA
10EL
0.5
0.5
0.5
0.3
100EL
0.5
0.5
0.5
0.5
IEE
Power Supply Current
mA
10EL
35
65
35
65
35
65
35
65
100EL
35
65
35
65
35
65
35
75
VEE = VEE (Min.) to VEE (Max.); VCC = GND
NOTE:
1. Parametric values specified at:
5 volt Power Supply Range
100E111A Series:
-4.2V to -5.5V.
10E111A Series
-4.75V to -5.5V.
3 volt Power Supply Range
10/100E111L Series:
-3.0V to -3.8V.
ECL DC ELECTRICAL CHARACTERISTICS(1)
PIN CONFIGURATION
VCC
VEE
NC
VBB
IN
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25 24 23 22 21 20 19
56789
10 11
NC
IN
Q3
PLCC
TOP VIEW
J28-1
Q3
Q4
VCCO
Q4
Q5
Q5
PIN NAMES
Pin
Function
IN, IN
Differential Input Pair
Q0, Q0 — Q8, Q8
Differential Outputs
VBB
VBB Output
VCCO
VCC to Output


Similar Part No. - SY100E111LJCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E111LJCTR MICREL-SY100E111LJCTR Datasheet
76Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
More results

Similar Description - SY100E111LJCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111A MICREL-SY10E111A_06 Datasheet
76Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
SY10E111AE MICREL-SY10E111AE Datasheet
91Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111AE MICREL-SY10E111AE_06 Datasheet
77Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
SY10E111 MICREL-SY10E111 Datasheet
78Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111 MICREL-SY10E111_06 Datasheet
68Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC10E111 ONSEMI-MC10E111_06 Datasheet
143Kb / 10P
   5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com