Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILE4276 Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # ILE4276
Description  Low consumption current
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILE4276 Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  ILE4276 Datasheet HTML 1Page - IK Semicon Co., Ltd ILE4276 Datasheet HTML 2Page - IK Semicon Co., Ltd ILE4276 Datasheet HTML 3Page - IK Semicon Co., Ltd ILE4276 Datasheet HTML 4Page - IK Semicon Co., Ltd ILE4276 Datasheet HTML 5Page - IK Semicon Co., Ltd ILE4276 Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ILE4276
January 2011, Ver.01
Table 5. Typical Electric Parameters
(VI = 13.5 V, -40°C < TJ < 150°C unless otherwise specified)
Symbol
Parameter
Test Condition
Typical
value
Unit
PSRR
Ripple rejection ratio
fr = 100 Hz, IQ = -100 mA
Vr = 0,5** V (p - p)
54
dB
dVQ/dT
Temperature factor of output voltage
-
0.01
mV/
oC
_______
* Ambient temperature is indicated.
** It is permitted to measure at Vr(р - p) = 3 V, but for that PSRR norm to be revised
Typical Application Diagram
R1, R2 - resistors
______
* For ILE4276-AD
Figure 2.
ILE4276-XX
+
GND
01
02
05
03
I
INH
Q
C2
100nF
C3
22
F
Input
Output
04
*)
R2
*)
50k
R1
*)
VA
+
C1
100
F


Similar Part No. - ILE4276

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILE4270 IKSEMICON-ILE4270 Datasheet
254Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
logo
Integral Corp.
ILE4270G INTEGRAL-ILE4270G Datasheet
192Kb / 6P
   IC OF 5 V/550MA POWER VOLTAGE REGULATOR WITH LOW RESIDUAL VOLTAGE (ANALOG OF TLE4270G BY SIEMENS)
logo
IK Semicon Co., Ltd
ILE4270G IKSEMICON-ILE4270G Datasheet
254Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4270G IKSEMICON-ILE4270G Datasheet
165Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4270GD2 IKSEMICON-ILE4270GD2 Datasheet
165Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
More results

Similar Description - ILE4276

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com