Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX3221 Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # ILX3221
Description  Auto Shutdown function provide low power consumption
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILX3221 Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  ILX3221 Datasheet HTML 1Page - IK Semicon Co., Ltd ILX3221 Datasheet HTML 2Page - IK Semicon Co., Ltd ILX3221 Datasheet HTML 3Page - IK Semicon Co., Ltd ILX3221 Datasheet HTML 4Page - IK Semicon Co., Ltd ILX3221 Datasheet HTML 5Page - IK Semicon Co., Ltd ILX3221 Datasheet HTML 6Page - IK Semicon Co., Ltd ILX3221 Datasheet HTML 7Page - IK Semicon Co., Ltd ILX3221 Datasheet HTML 8Page - IK Semicon Co., Ltd ILX3221 Datasheet HTML 9Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TECHNICAL DATA
January 2012, Ver. 00
Interface Transceiver of the Serial Data of
RS-232 Standard
DESCRIPTION
The ILX3221 is interface transceiver of serial data
under RS - 232 standard with single power supply
source & bipolar output voltage of transmitter, low power
consumption.
The ILX3221 is purposed for application in
modern high efficient calculating systems with the wide
range
of
supply
voltage,
fast-operating
electronic
devices with high level of fidelity of information exchange
among distant devices. The chip is designed in 16-pin
SSOP and TSSOP package.
FEATURES
SSOP-16
TSSOP-16
Fig.1
ТА= from -40 to 85 оС
for all packages
• 1 transmitter and 1 receivers of the serial data of the
standard RS-232;
Auto Shutdown function provide low power consumption;
• Supply voltage range: 3.0 … 5.5 V;
• Operating temperature range: -
40 … +85 °С;
ESD protection up to 2000 V for transmitter input and
receiver output (TTL/CMOS levels) and up to 15000V for
transmitter output and receiver input (RS-232 levels);
• Latch current, min – 100 mA at normal climatic
condition.
PIN CONFIGURATION
Fig.2
ILX3221
ORDERING INFORMATION
Device
Operating
Temperature Range
Package
Shipping
ILX3221ESD
TA = -40° to 85° C
SSOP-16
Tube
ILX3221ESDT
SSOP-16
Taping
ILX3221ETSD
TSSOP-16
Tube
ILX3221ETSDT
TSSOP-16
Taping
01
02
03
04
05
06
07
VCC
08
14
13
12
11
10
09
16
15
C2+
C1+
EN
V+
C2-
V-
RIN
ROUT
INVALID
TIN
FORCEON
TOUT
GND
C1-
FORCEOFF


Similar Part No. - ILX3221

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILX3232 IKSEMICON-ILX3232 Datasheet
420Kb / 10P
   Interface Transceiver of RS-232 Standard with One Supply Voltage
ILX3232D IKSEMICON-ILX3232D Datasheet
420Kb / 10P
   Interface Transceiver of RS-232 Standard with One Supply Voltage
ILX3232DW IKSEMICON-ILX3232DW Datasheet
420Kb / 10P
   Interface Transceiver of RS-232 Standard with One Supply Voltage
ILX3232N IKSEMICON-ILX3232N Datasheet
420Kb / 10P
   Interface Transceiver of RS-232 Standard with One Supply Voltage
ILX3232TSD IKSEMICON-ILX3232TSD Datasheet
420Kb / 10P
   Interface Transceiver of RS-232 Standard with One Supply Voltage
More results

Similar Description - ILX3221

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILX3085 IKSEMICON-ILX3085 Datasheet
339Kb / 12P
   Auto Shutdown function provide low power consumption
logo
STMicroelectronics
EVAL6491HB STMICROELECTRONICS-EVAL6491HB Datasheet
494Kb / 7P
   Smart shutdown function
logo
Unisonic Technologies
P1888G-S08-R UTC-P1888G-S08-R Datasheet
198Kb / 4P
   Thermal Shutdown function
logo
STMicroelectronics
LK112SXX STMICROELECTRONICS-LK112SXX Datasheet
411Kb / 18P
   Low noise low drop voltage regulator with shutdown function
LK112SXX STMICROELECTRONICS-LK112SXX_08 Datasheet
404Kb / 17P
   Low noise low drop voltage regulator with shutdown function
LK112 STMICROELECTRONICS-LK112 Datasheet
413Kb / 12P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
logo
SynQor Worldwide Headqu...
MPFC-115-3P-270-FP SYNQOR-MPFC-115-3P-270-FP Datasheet
4Mb / 21P
   Auto-recovery thermal shutdown
logo
STMicroelectronics
LK112S STMICROELECTRONICS-LK112S Datasheet
427Kb / 11P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
LK112XX STMICROELECTRONICS-LK112XX Datasheet
407Kb / 17P
   Low noise low drop voltage regulator with shutdown function
logo
Broadcom Corporation.
ALM-GA002 BOARDCOM-ALM-GA002 Datasheet
279Kb / 9P
   GPS Low Noise Amplifier Variable Current/Shutdown Function
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com