Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10E111LEJC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10E111LEJC
Description  5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E111LEJC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10E111LEJC Datasheet HTML 1Page - Micrel Semiconductor SY10E111LEJC Datasheet HTML 2Page - Micrel Semiconductor SY10E111LEJC Datasheet HTML 3Page - Micrel Semiconductor SY10E111LEJC Datasheet HTML 4Page - Micrel Semiconductor SY10E111LEJC Datasheet HTML 5Page - Micrel Semiconductor SY10E111LEJC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ClockWorks™
SY10E111AE/LE
SY100E111AE/LE
Micrel
VEE = VEE (Min.) to VEE (Max.); VCC = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max. Min.
Typ.
Max.
Unit
tPLH
Propagation Delay to Output
ps
tPHL
IN (differential)(2)
380
680
430
630
430
630
430
630
IN (single-ended)(3)
280
780
330
730
330
730
330
730
Enable(4)
400
900
450
850
450
850
450
850
Disable(4)
400
900
450
850
450
850
450
850
tskew
Within-Device Skew(5)
75
50
50
50
ps
Part-to-Part Skew (Diff.)
250
200
200
200
tS
Set-up Time, EN to IN(6)
250
0
200
0
200
0
200
0
ps
tH
Hold Time, IN to EN(7)
0
–200
0
–200
0
–200
0
–200
ps
tR
Release Time, EN to IN(8)
350
100
300
100
300
100
300
100
ps
VPP
Minimum Input Swing(9)
250
250
250
250
mV
VCMR
Common Mode Range(10)
–1.5
–0.4
–1.5
–0.4
–1.5
–0.4
–1.5
–0.4
V
tr
Rise/Fall Times
200
650
200
600
200
600
200
600
ps
tf
20% to 80%
NOTES:
1. Parametric values specified at:
5 volt Power Supply Range
100E111AE Series:
-4.2V to -5.5V.
10E111AE Series
-4.75V to -5.5V.
3 volt Power Supply Range
10/100E111LE Series: -3.0V to -3.8V.
2. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the
differential output signals.
3. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal.
4. Enable is defined as the propagation delay from the 50% point of a negative transition on EN to the 50% point of a positive transition on Q (or a
negative transition on Q). Disable is defined as the propagation delay from the 50% point of a positive transition on EN to the 50% point of a
negative transition on Q (or a positive transition on Q).
5. The within-device skew is defined as the worst case difference between any two similar delay paths within a single device.
6. The set-up time is the minimum time that EN must be asserted prior to the next transition of IN/IN to prevent an output response greater than
±75mV to that IN/IN transition (see Figure 1).
7. The hold time is the minimum time that EN must remain asserted after a negative going IN or a positive going IN to prevent an output response
greater than
±75mV to that IN/IN transition (see Figure 2).
8. The release time is the minimum time that EN must be de-asserted prior to the next IN/IN transition to ensure an output response that meets the
specified IN to Q propagation delay and output transition times (see Figure 3).
9. VPP (min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. The VPP (min) is AC limited
for the E111AE/LE, as a differential input as low as 50mV will still produce full ECL levels at the output.
10. VCMR is defined as the range within the VIH level may vary, with the device still meeting the propagation delay specification. the VIL level must be
such that the peak-to-peak voltage is less than 1.0V and greater than or equal to VPP (min).
For PECL operation: VCMR (max) = VCC – |VCMR (max)| and
VCMR (min) = VCC – |VCMR (min)|
AC ELECTRICAL CHARACTERISTICS(1)


Similar Part No. - SY10E111LEJC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111LEJC MICREL-SY10E111LEJC Datasheet
77Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111LEJC MICREL-SY10E111LEJC Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
SY10E111LEJCTR MICREL-SY10E111LEJCTR Datasheet
77Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111LEJCTR MICREL-SY10E111LEJCTR Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
More results

Similar Description - SY10E111LEJC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_06 Datasheet
77Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111A MICREL-SY10E111A Datasheet
84Kb / 5P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER w/o ENABLE
SY10E111A MICREL-SY10E111A_06 Datasheet
76Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
SY10E111 MICREL-SY10E111 Datasheet
78Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111 MICREL-SY10E111_06 Datasheet
68Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC10E111 ONSEMI-MC10E111_06 Datasheet
143Kb / 10P
   5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com