Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9111TV14I Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9111TV14I
Description  Single Digitally-Controlled (XDCP) Potentiometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9111TV14I Datasheet(HTML) 5 Page - Intersil Corporation

  X9111TV14I Datasheet HTML 1Page - Intersil Corporation X9111TV14I Datasheet HTML 2Page - Intersil Corporation X9111TV14I Datasheet HTML 3Page - Intersil Corporation X9111TV14I Datasheet HTML 4Page - Intersil Corporation X9111TV14I Datasheet HTML 5Page - Intersil Corporation X9111TV14I Datasheet HTML 6Page - Intersil Corporation X9111TV14I Datasheet HTML 7Page - Intersil Corporation X9111TV14I Datasheet HTML 8Page - Intersil Corporation X9111TV14I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN8159.4
September 15, 2006
bits is required for the X9111 to successfully continue the
command sequence. Only the device whose slave address
matches the incoming device address sent by the master
executes the instruction. The A1–A0 inputs can be actively
driven by CMOS input signals or tied to VCC or VSS. The
R/W bit is used to set the device to either read or write
mode.
Instruction Byte and Register Selection
The next byte sent to the X9111 contains the instruction and
register pointer information. The three most significant bits
are used provide the instruction opcode (I[2:0]). The RB and
RA bits point to one of the four registers. The format is
shown in Table 5.
TABLE 3. STATUS REGISTER, SR (1-BIT)
TABLE 1. WIPER LATCH, WL (10-BIT), WCR9–WCR0: USED TO STORE THE CURRENT WIPER POSITION (VOLATILE, V)
WCR9
WCR8
WCR7
WCR6
WCR5
WCR4
WCR3
WCR2
WCR1
WCR0
VVV
VVVVVVV
(MSB)
(LSB)
TABLE 2. DATA REGISTER, DR (10-BIT), BIT 9–BIT 0: USED TO STORE WIPER POSITIONS OR DATA (NON-VOLATILE, NV)
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
NV
NV
NV
NV
NV
NV
NV
NV
NV
NV
MSB
LSB
WIP
(LSB)
TABLE 3. IDENTIFICATION BYTE FORMAT
ID3
ID2
ID1
ID0
0
A1
A0
R/W
0101
(MSB)
(LSB)
Device Type
Internal Slave
Identifier
Address
Read or
Write Bit
TABLE 4. INSTRUCTION BYTE FORMAT
I2
I1
I0
0
RB
RA
0
0
(MSB)
(LSB)
Instruction
Opcode
Register
Selection
RB
RA
REGISTER
0
0
1
1
0
1
0
1
DR0
DR1
DR2
DR3
X9111


Similar Part No. - X9111TV14I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9111TV14I XICOR-X9111TV14I Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9111TV14I INTERSIL-X9111TV14I Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
X9111TV14I INTERSIL-X9111TV14I Datasheet
323Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xicor Inc.
X9111TV14I-2.7 XICOR-X9111TV14I-2.7 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9111TV14I-2.7 INTERSIL-X9111TV14I-2.7 Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
More results

Similar Description - X9111TV14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com