Electronic Components Datasheet Search |
|
X9015WS8Z-2.7 Datasheet(PDF) 1 Page - Intersil Corporation |
|
X9015WS8Z-2.7 Datasheet(HTML) 1 Page - Intersil Corporation |
1 / 12 page 1 FN8157.6 X9015 Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP™) Potentiometer The Intersil X9015 is a 32 tap potentiometer that is volatile. The device consists of a string of 31 resistors that can be programmed to connect the RW/VW wiper output with any of the nodes between the connecting resistors. The connection point of the wiper is determined by information communicated to the device on the 3-wire port. The 3-wire port changes the tap position by a falling edge on the increment pin. The direction the wiper moves is determined by the state of the up/down pin. The wiper position at power up is Tap #15. The X9015 can be used in a wide variety of applications that require a digitally controlled variable resistor to set analog values. Features •32 taps • Three-wire up/down serial interface •VCC = 2.7V–5V • Operating ICC = 50µA max. • Standby current = 1µA max. •RTOTAL = 10k, 50k • Packages 8 Ld SOIC, 8 Ld MSOP • Pb-free plus anneal available (RoHS compliant) Pinout Block Diagram VCC CS INC U/D RH/VH VSS 1 2 3 4 8 7 6 5 X9015 SOIC/MSOP RL/VL RW/VW 5-Bit Up/Down Counter Control Circuitry One of Decoder Resistor Array RH/VH U/D INC CS Transfer Gates Thirty VCC VSS RL/VL RW/VW Control Up/Down (U/D) Increment (INC) Device Select (CS) VCC (Supply Voltage) VSS (Ground) RH/VH RW/VW RL/VL General Detailed 0 1 2 28 29 30 31 Two Data Sheet August 14, 2015 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Copyright Intersil Americas LLC 2005, 2006, 2015. All Rights Reserved Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries. All other trademarks mentioned are the property of their respective owners. |
Similar Part No. - X9015WS8Z-2.7 |
|
Similar Description - X9015WS8Z-2.7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |