Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9116WM8Z-2.7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9116WM8Z-2.7
Description  Digitally Controlled Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9116WM8Z-2.7 Datasheet(HTML) 6 Page - Intersil Corporation

  X9116WM8Z-2.7 Datasheet HTML 1Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 2Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 3Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN8160.3
February 3, 2011
Power Up and Down Requirements
There are no restrictions on the power-up or power-down conditions of VCC and the voltages applied to the potentiometer pins
provided that VCC is always more positive than or equal to VH, VL, and VW, i.e., VCC ≥ VH, VL, VW. The VCC ramp rate spec is
always in effect.
A.C. Timing
NOTES:
8. Typical values are for TA = +25°C and nominal supply voltage.
9. MI in the A.C. timing diagram refers to the minimum incremental change in the VW output due to a change in the wiper position.
10. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
DC Electrical Specifications
Over recommended operating conditions unless otherwise specified. Boldface limits apply over the
operating temperature range, -40°C to +85°C or 0°C to +70°C.
SYMBOL
PARAMETER
MIN
(Note 10)
TYP
(NOTE 8)
MAX
(Note 10)
UNIT
tCl
CS to INC setup
100
ns
tlD
INC HIGH to U/D change
100
ns
tDI
U/D to INC setup
2.9
µs
tlL
INC LOW period
1
µs
tlH
INC HIGH period
1
µs
tlC
INC inactive to CS inactive
1
µs
tCPH
CS deselect time (STORE)
10
ms
tIW
INC to Vw change
1
5
µs
tCYC
INC cycle time
4
µs
tR, tF
INC input rise and fall time
500
µs
tPU
Power up to wiper stable
5
µs
tR VCC
VCC Power-up rate
15
50
mV/µs
tWR
Store cycle
5
10
ms
CS
INC
U/D
VW
tCI
tIL
tIH
tCYC
tID
tDI
tIW
MI
tIC
tCPH
tF
tR
10%
90%
90%
(store)
(NOTE 9)
X9116


Similar Part No. - X9116WM8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9116WM8Z-2.7 INTERSIL-X9116WM8Z-2.7 Datasheet
247Kb / 9P
   Low Noise, Low Power, Low Cost
X9116WM8Z-2.7 INTERSIL-X9116WM8Z-2.7 Datasheet
199Kb / 9P
   Digitally Controlled Potentiometer
X9116WM8Z-2.7 INTERSIL-X9116WM8Z-2.7 Datasheet
364Kb / 9P
   Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9116WM8Z-2.7 RENESAS-X9116WM8Z-2.7 Datasheet
473Kb / 9P
   Low Noise, Low Power, Low Cost Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9116WM8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com