Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241AMPIZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9241AMPIZ
Description  Non-Volatile/Low Power/2-Wire/64 Taps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AMPIZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9241AMPIZ Datasheet HTML 4Page - Intersil Corporation X9241AMPIZ Datasheet HTML 5Page - Intersil Corporation X9241AMPIZ Datasheet HTML 6Page - Intersil Corporation X9241AMPIZ Datasheet HTML 7Page - Intersil Corporation X9241AMPIZ Datasheet HTML 8Page - Intersil Corporation X9241AMPIZ Datasheet HTML 9Page - Intersil Corporation X9241AMPIZ Datasheet HTML 10Page - Intersil Corporation X9241AMPIZ Datasheet HTML 11Page - Intersil Corporation X9241AMPIZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN8164.7
August 17, 2015
Detailed Operation
All four XDCP potentiometers share the serial interface and
share a common architecture. Each potentiometer is
comprised of a resistor array, a Wiper Counter Register and
four Data Registers. A detailed discussion of the register
organization and array operation follows.
Wiper Counter Register
The X9241A contains four volatile Wiper Counter Registers
(WCR), one for each XDCP potentiometer. The WCR can be
envisioned as a 6-bit parallel and serial load counter with its
outputs decoded to select one of sixty-four switches along its
resistor array. The contents of the WCR can be altered in
four ways: it may be written directly by the host via the Write
WCR instruction (serial load); it may be written indirectly by
transferring the contents of one of four associated Data
Registers via the XFR Data Register instruction (parallel
load); it can be modified one step at a time by the
increment/decrement instruction; finally, it is loaded with the
contents of its Data Register zero (DR0) upon power-up.
The WCR is a volatile register; that is, its contents are lost
when the X9241A is powered-down. Although the register is
automatically loaded with the value in DR0 upon power-up, it
should be noted this may be different from the value present
at power-down.
Data Registers
Each potentiometer has four nonvolatile Data Registers.
These can be read or written directly by the host and data
can be transferred between any of the four Data Registers
and the WCR. It should be noted all operations changing
data in one of these registers is a nonvolatile operation and
will take a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, these registers can be used
as regular memory locations that could possibly store
system parameters or user preference data.
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
WIPER
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCL
UP/DN
VH/RH
IF WCR = 00[H] THEN VW/RW = VL/RL
IF WCR = 3F[H] THEN VW/RW = VH/RH
8
6
C
D
E
O
U
N
T
E
R
E
C
O
D
CASCADE
DW
CM
CONTROL
LOGIC
2
VL/RL
VW/RW
FIGURE 8. DETAILED POTENTIOMETER BLOCK DIAGRAM
X9241A


Similar Part No. - X9241AMPIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241AMPIZ INTERSIL-X9241AMPIZ Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AMPIZ INTERSIL-X9241AMPIZ Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AMPIZ INTERSIL-X9241AMPIZ Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
logo
Renesas Technology Corp
X9241AMPIZ RENESAS-X9241AMPIZ Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
More results

Similar Description - X9241AMPIZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9241A RENESAS-X9241A Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
logo
Texas Instruments
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
logo
Microchip Technology
AN560 MICROCHIP-AN560 Datasheet
103Kb / 22P
   Lowpower 3-wire non-volatile memories
1994 - 2002
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com