Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9C103SZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9C103SZ
Description  Digitally Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C103SZ Datasheet(HTML) 1 Page - Intersil Corporation

  X9C103SZ Datasheet HTML 1Page - Intersil Corporation X9C103SZ Datasheet HTML 2Page - Intersil Corporation X9C103SZ Datasheet HTML 3Page - Intersil Corporation X9C103SZ Datasheet HTML 4Page - Intersil Corporation X9C103SZ Datasheet HTML 5Page - Intersil Corporation X9C103SZ Datasheet HTML 6Page - Intersil Corporation X9C103SZ Datasheet HTML 7Page - Intersil Corporation X9C103SZ Datasheet HTML 8Page - Intersil Corporation X9C103SZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN8222.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2006, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9C102, X9C103, X9C104, X9C503
Digitally Controlled Potentiometer
(XDCP™)
The X9C102, X9C103, X9C104, X9C503 are Intersils’
digitally controlled (XDCP) potentiometers. The device
consists of a resistor array, wiper switches, a control section,
and non-volatile memory. The wiper position is controlled by
a three-wire interface.
The potentiometer is implemented by a resistor array
composed of 99 resistive elements and a wiper switching
network. Between each element and at either end are tap
points accessible to the wiper terminal. The position of the
wiper element is controlled by the CS, U/D, and INC inputs.
The position of the wiper can be stored in non-volatile
memory and then be recalled upon a subsequent power-up
operation.
The device can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications ranging from control to signal processing to
parameter adjustment.
Pinout
X9C102, X9C103, X9C104, X9C503
(8 LD SOIC, 8 LD PDIP)
TOP VIEW
Features
• Solid-State Potentiometer
• Three-Wire Serial Interface
• 100 Wiper Tap Points
- Wiper Position Stored in Non-volatile Memory and
Recalled on Power-up
• 99 Resistive Elements
- Temperature Compensated
- End-to-End Resistance, ±20%
- Terminal Voltages, ±5V
• Low Power CMOS
-VCC = 5V
- Active Current, 3mA max.
- Standby Current, 750µA max.
• High Reliability
- Endurance, 100,000 Data Changes per Bit
- Register Data Retention, 100 years
• X9C102 = 1k
Ω
• X9C103 = 10k
Ω
• X9C503 = 50k
Ω
• X9C104 = 100k
Ω
• Packages
- 8 Ld SOIC
- 8 Ld PDIP
• Pb-Free Available (RoHS Compliant)
Block Diagram
VCC
CS
VL/RL
VW/RW
INC
U/D
VH/RH
VSS
1
2
3
4
8
7
6
5
7-BIT
UP/DOWN
COUNTER
7-BIT
NON-VOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
ONE
OF
HUNDRED
DECODER
RESISTOR
ARRAY
RL/VL
RW/VW
RH/VH
U/D
INC
CS
TRANSFER
VCC
ONE-
GATES
99
98
97
96
2
1
0
GND
UP/DOWN
(INC)
INCREMENT
DEVICE
(U/D)
(CS)
VCC (SUPPLY VOLTAGE)
VSS (GROUND)
CONTROL
AND
MEMORY
GENERAL
VH/RH
RW/VW
VL/RL
SELECT
DETAILED
Data Sheet
July 20, 2009


Similar Part No. - X9C103SZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C103SZ INTERSIL-X9C103SZ Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C103SZ INTERSIL-X9C103SZ Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C103SZ INTERSIL-X9C103SZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C103SZ INTERSIL-X9C103SZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C103SZ INTERSIL-X9C103SZ Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C103SZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com