Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100E154JC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100E154JC
Description  5-BIT 2:1 MUX-LATCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E154JC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100E154JC Datasheet HTML 1Page - Micrel Semiconductor SY100E154JC Datasheet HTML 2Page - Micrel Semiconductor SY100E154JC Datasheet HTML 3Page - Micrel Semiconductor SY100E154JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E154
SY100E154
Micrel
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
tPLH
Propagation Delay to Output
ps
tPHL
D
325
500
700
325
500
700
325
500
700
SEL
475
650
925
475
650
925
475
650
925
LEN
350
500
750
350
500
750
350
500
750
MR
450
600
800
450
600
800
450
600
800
tS
Set-up Time
ps
D
300
100
300
100
300
100
SEL
500
250
500
250
500
250
tH
Hold Time
ps
D300
–100
300
–100
300
–100
SEL
200
–250
200
–250
200
–250
tRR
Reset Recovery Time
800
600
800
600
800
600
ps
tPW
Minimum Pulse Width, MR
400
——
400
——
400
——
ps
tskew
Within-Device Skew
50
——
50
——
50
ps
1
tr
Rise/Fall Time
300
475
800
300
475
800
300
475
800
ps
tf
20% to 80%
NOTE:
1. Within-device skew is defined as identical transitions on similar paths through a device.
TRUTH TABLES
SEL
Data
Ha
Lb
LEN1
LEN2
Latch
L
L
Transparent
H
X
Latched
X
H
Latched
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
IEE
Power Supply Current
mA
10E
76
91
76
91
76
91
100E
76
91
76
91
87
105
AC ELECTRICAL CHARACTERISTICS
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E154JC
J28-1
Commercial
SY10E154JCTR
J28-1
Commercial
SY100E154JC
J28-1
Commercial
SY100E154JCTR
J28-1
Commercial


Similar Part No. - SY100E154JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E154JC MICREL-SY100E154JC Datasheet
63Kb / 4P
   5-BIT 2:1 MUX-LATCH
SY100E154JCTR MICREL-SY100E154JCTR Datasheet
63Kb / 4P
   5-BIT 2:1 MUX-LATCH
More results

Similar Description - SY100E154JC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E154 ONSEMI-MC10E154 Datasheet
107Kb / 4P
   5-BIT 2:1 MUX-LATCH
1996 REV 2
logo
Micrel Semiconductor
SY10E154 MICREL-SY10E154_06 Datasheet
63Kb / 4P
   5-BIT 2:1 MUX-LATCH
logo
ON Semiconductor
MC10E154 ONSEMI-MC10E154_06 Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E155 ONSEMI-MC10E155 Datasheet
105Kb / 4P
   6-BIT 2:1 MUX-LATCH
1996 REV 3
logo
Micrel Semiconductor
SY10E155 MICREL-SY10E155 Datasheet
60Kb / 4P
   6-BIT 2:1 MUX-LATCH
SY10E155 MICREL-SY10E155_06 Datasheet
66Kb / 4P
   6-BIT 2:1 MUX-LATCH
SY10E256 MICREL-SY10E256 Datasheet
60Kb / 4P
   3-BIT 4:1 MUX-LATCH
SY10E156 MICREL-SY10E156 Datasheet
60Kb / 4P
   3-BIT 4:1 MUX-LATCH
logo
ON Semiconductor
MC10E156 ONSEMI-MC10E156 Datasheet
106Kb / 4P
   3-BIT 4:1 MUX-LATCH
1996 REV 3
logo
Micrel Semiconductor
SY10E256 MICREL-SY10E256_06 Datasheet
63Kb / 4P
   3-BIT 4:1 MUX-LATCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com