Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9221AUP Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9221AUP
Description  Dual Digitally Controlled Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9221AUP Datasheet(HTML) 2 Page - Intersil Corporation

  X9221AUP Datasheet HTML 1Page - Intersil Corporation X9221AUP Datasheet HTML 2Page - Intersil Corporation X9221AUP Datasheet HTML 3Page - Intersil Corporation X9221AUP Datasheet HTML 4Page - Intersil Corporation X9221AUP Datasheet HTML 5Page - Intersil Corporation X9221AUP Datasheet HTML 6Page - Intersil Corporation X9221AUP Datasheet HTML 7Page - Intersil Corporation X9221AUP Datasheet HTML 8Page - Intersil Corporation X9221AUP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Ordering Information
PART NUMBER
PART MARKING
VCC LIMITS
(V)
RTOTAL (k)
TEMP
RANGE (°C)
PACKAGE
PKG.
DWG. #
X9221AYS
X9221AYS
5 ±10%
2
0 to +70
20 Ld SOIC (300MIL)
MDP0027
X9221AYSZ (Note)
X9221AYS Z
0 to +70
20 Ld SOIC (300MIL) (Pb-Free)
MDP0027
X9221AYSI*
X9221AYSI
-40 to +85
20 Ld SOIC (300MIL)
MDP0027
X9221AYSIZ* (Note)
X9221AYSI Z
-40 to +85
20 Ld SOIC (300MIL) (Pb-Free)
MDP0027
X9221AWS*
X9221AWS
10
0 to +70
20 Ld SOIC (300MIL)
MDP0027
X9221AWSZ* (Note)
X9221AWS Z
0 to +70
20 Ld SOIC (300MIL) (Pb-Free)
MDP0027
X9221AWSI*
X9221AWSI
-40 to +85
20 Ld SOIC (300MIL)
MDP0027
X9221AWSIZ* (Note)
X9221AWSI Z
-40 to +85
20 Ld SOIC (300MIL) (Pb-Free)
MDP0027
X9221AUP
X9221AUP
50
0 to +70
20 Ld PDIP
MDP0031
X9221AUPZ (Note)
X9221AUPZ
0 to +70
20 Ld PDIP (Pb-Free)
MDP0031
X9221AUPI
X9221AUPI
-40 to +85
20 Ld PDIP
MDP0031
X9221AUPIZ (Note)
X9221AUPIZ
-40 to +85
20 Ld PDIP (Pb-Free)
MDP0031
X9221AUSI*
X9221AUSI
-40 to +85
20 Ld SOIC (300MIL)
MDP0027
X9221AUSIZ* (Note)
X9221AUSI Z
-40 to +85
20 Ld SOIC (300MIL) (Pb-Free)
MDP0027
*Add "T1" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and
100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
VW0/RW0
VL0/RL0
VH0/RL0
A0
A2
VW1/RW1
VL1/RL1
VH1/RH1
SDA
VSS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
RES
RES
RES
A1
A3
SCL
RES
RES
RES
DIP/SOIC
X9221A
2
FN8163.2
August 30, 2006
PIN DESCRIPTIONS
Host Interface Pins
Serial Clock (SCL)
The SCL input is used to clock data into and out of the
X9221A.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into
and out of the device. It is an open drain output and
may be wire-ORed with any number of open drain or
open collector outputs. An open drain output requires
the use of a pull-up resistor. For selecting typical val-
ues, refer to the guidelines for calculating typical val-
ues on the bus pull-up resistors graph.
Address
The Address inputs are used to set the least signifi-
cant 4 bits of the 8-bit slave address. A match in the
slave address serial data stream must be made with
the Address input in order to initiate communication
with the X9221A
Potentiometer Pins
VH/RH(VH0/RH0-VH1/RH1), VL/RL (VL0/RL0-VL1/RL1)
The VH/RH and VL/RL inputs are equivalent to the ter-
minal connections on either end of a mechanical
potentiometer.
VW/RW (VW0/RW0-VW1/RW1)
The wiper outputs are equivalent to the wiper output of
a mechanical potentiometer.
PIN CONFIGURATION
X9221A


Similar Part No. - X9221AUP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221AUP INTERSIL-X9221AUP Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9221AUP INTERSIL-X9221AUP Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9221AUP RENESAS-X9221AUP Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9221AUPI INTERSIL-X9221AUPI Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9221AUPI INTERSIL-X9221AUPI Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
More results

Similar Description - X9221AUP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9410 INTERSIL-X9410_06 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com