Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9221AUPZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9221AUPZ
Description  Dual Digitally Controlled Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9221AUPZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9221AUPZ Datasheet HTML 5Page - Intersil Corporation X9221AUPZ Datasheet HTML 6Page - Intersil Corporation X9221AUPZ Datasheet HTML 7Page - Intersil Corporation X9221AUPZ Datasheet HTML 8Page - Intersil Corporation X9221AUPZ Datasheet HTML 9Page - Intersil Corporation X9221AUPZ Datasheet HTML 10Page - Intersil Corporation X9221AUPZ Datasheet HTML 11Page - Intersil Corporation X9221AUPZ Datasheet HTML 12Page - Intersil Corporation X9221AUPZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C+70°C
Industrial
-40
°C+85°C
Supply Voltage
Limits
X9221A
5V ± 10%
9
FN8163.2
August 30, 2006
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias ................... -65°C to +135°C
Storage Temperature ........................ -65°C to +150°C
Voltage on SCK, SCL or Any Address
Input With Respect to VSS ...................... -1V to +7V
Voltage on Any VH/RH, VW/RW or VL/RL
Referenced to VSS................................. +6V / -4.3V
ΔV = |VH/RH–VL/RL|...........................................10.3V
Lead Temperature (soldering, 10s) ................. +300°C
IW (10s) ..............................................................±6mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
indicated in the operational sections of this specifica-
tion) is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect
device reliability.
ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
RTOTAL
End to End Resistance
-20
+20
%
Power Rating
50
mW
+25°C, each pot
IW
Wiper Current
-3
+3
mA
RW
Wiper Resistance
40
130
Ω
Wiper Current = ±1mA
VTERM
Voltage on any VH/RH, VW/RW or
VL/RL Pin
-3.0
+5
V
Noise
≤120
dBV
Ref: 1V
Resolution
1.6
%
See Note 5
Absolute Linearity(1)
-1
+1
MI(3)
Vw(n)(actual - Vw(n)(expected)
Relative Linearity(2)
-0.2
+0.2
MI(3)
Vw(n + 1) - [Vw(n) + MI]
Temperature Coefficient
±300
ppm/°C See Note 5
Radiometric Temperature Coefficient
±20
ppm/°C See Note 5
CH/CL/CW Potentiometer Capacitances
10/10/25
pF
See circuit #3
X9221A


Similar Part No. - X9221AUPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221AUPZ INTERSIL-X9221AUPZ Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9221AUPZ INTERSIL-X9221AUPZ Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9221AUPZ RENESAS-X9221AUPZ Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9221AUPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9410 INTERSIL-X9410_06 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com